Electronic Components Datasheet Search
  English  ▼

X  

SS6639 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6639
Description  1-Cell, 3-Pin, Step-Up DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6639 Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6639 Datasheet HTML 4Page - Silicon Standard Corp. SS6639 Datasheet HTML 5Page - Silicon Standard Corp. SS6639 Datasheet HTML 6Page - Silicon Standard Corp. SS6639 Datasheet HTML 7Page - Silicon Standard Corp. SS6639 Datasheet HTML 8Page - Silicon Standard Corp. SS6639 Datasheet HTML 9Page - Silicon Standard Corp. SS6639 Datasheet HTML 10Page - Silicon Standard Corp. SS6639 Datasheet HTML 11Page - Silicon Standard Corp. SS6639 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.SiliconStandard.com
9 of 12
SS6639
I
PK
I
IN
V
EXT
ISW
I
OUT
T
DIS
Charge Co.
VSW
Discharge Co.
ID
t
Discontinuous Conduction Mode
I
PK
I
IN
V
EXT
ISW
I
OUT
VSW
ID
t
Continuous Conduction Mode
At
the
boundary
between
continuous
and
discontinuous modes, the output current (IOB) is
determined by
(
)x
1
*
T
*
L
V
*
2
1
*
V
V
V
I
ON
IN
D
OUT
IN
OB
−
+
=
where VD is the diode drop,
L
T
)
R
(R
X
ON
S
ON
∗
+
=
RON= Switch turn on resistance, RS= Inductor DC
resistance
TON = Switch ON time
In the discontinuous mode, the switching frequency
(Fsw) is
)
x
(1
*
T
*
V
)
(I
*
)
V
V
(V
*
2(L)
F
2
ON
2
IN
OUT
IN
D
OUT
SW
+
−
+
=
In the continuous mode, the switching frequency is
(
)
−
+
−
+
≅
−
+
−
+
−
+
−
+
=
SW
D
OUT
IN
D
OUT
ON
SW
D
OUT
SW
IN
SW
D
OUT
IN
D
OUT
ON
V
V
V
V
V
V
*
T
1
)]
V
V
V
V
V
(
2
x
[1
*
)
V
V
(V
V
V
V
*
T
1
fsw
where Vsw = switch drop and is proportional to
output current.
INDUCTOR SELECTION
To operate as an efficient energy transfer element,
the inductor must fulfill three requirements. First, the
inductance must be low enough for the inductor to
store adequate energy under the worst case
condition of minimum input voltage and switch ON
time. Second, the inductance must also be high
enough so the maximum current rating of the
SS6639 and the inductor are not exceeded at the
other worst case condition of maximum input voltage
and ON time. Lastly, the inductor must have
sufficiently low DC resistance so excessive power is
not lost as heat in the windings. Unfortunately this is
inversely related to physical size.
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com