Electronic Components Datasheet Search
  English  ▼

X  

SS6639 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6639
Description  1-Cell, 3-Pin, Step-Up DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6639 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6639 Datasheet HTML 1Page - Silicon Standard Corp. SS6639 Datasheet HTML 2Page - Silicon Standard Corp. SS6639 Datasheet HTML 3Page - Silicon Standard Corp. SS6639 Datasheet HTML 4Page - Silicon Standard Corp. SS6639 Datasheet HTML 5Page - Silicon Standard Corp. SS6639 Datasheet HTML 6Page - Silicon Standard Corp. SS6639 Datasheet HTML 7Page - Silicon Standard Corp. SS6639 Datasheet HTML 8Page - Silicon Standard Corp. SS6639 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.SiliconStandard.com
5 of 12
SS6639
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Output Current (mA)
Fig. 5 SS6639-33 Loading Regulation (L=33
µH)
0
50
100
150
200
250
300
350
400
2.4
2.6
2.8
3.0
3.2
3.4
VIN=2.0V
VIN=1.5V
VIN=1.2V
Output Current (mA)
0
50
100
150
200
250
300
350
400
60
65
70
75
80
85
90
Fig. 6 SS6639-33 Efficiency (L=33
µH)
VIN=2.0V
VIN=1.5V
VIN=0.9V
Output Current (mA)
Fig. 7 SS6639-50 Load Regulation (L=33
µH)
0
100
200
300
400
500
600
700
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
VIN=1.2V
Output Current (mA)
0
100
200
300
400
500
600
700
40
45
50
55
60
65
70
75
80
85
90
Fig. 8 SS6639-50 Efficiency (L=33
µH)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
VIN=1.2V
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Fig. 9 SS6639-27 Start-up & Hold-on Voltage (L=33
µH)
Start up
Hold on
Output Current (mA)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 10 SS6639-30 Start-up & Hold-on Voltage (L=33
µH)
Start up
Hold on
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com