Electronic Components Datasheet Search
  English  ▼

X  

SS6639 Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6639
Description  1-Cell, 3-Pin, Step-Up DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6639 Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6639 Datasheet HTML 4Page - Silicon Standard Corp. SS6639 Datasheet HTML 5Page - Silicon Standard Corp. SS6639 Datasheet HTML 6Page - Silicon Standard Corp. SS6639 Datasheet HTML 7Page - Silicon Standard Corp. SS6639 Datasheet HTML 8Page - Silicon Standard Corp. SS6639 Datasheet HTML 9Page - Silicon Standard Corp. SS6639 Datasheet HTML 10Page - Silicon Standard Corp. SS6639 Datasheet HTML 11Page - Silicon Standard Corp. SS6639 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
SS6639
Minimum and maximum input voltage, output voltage
and output current must be established before an
inductor can be selected.
In discontinuous mode operation, at the end of the
switch ON time, peak current and energy in the
inductor build according to
(
)
ON
IN
TON
IN
ON
S
ON
S
ON
IN
PK
T
*
L
V
2
x
1
*
*
L
V
)
T
*
L
R
R
exp(
1
*
R
R
V
I
≅
 −
≅
+
−
−
+
=
(simple lossless equation), where
L
T
)
R
(R
X
ON
S
ON
∗
+
=
2
PK
I
*
L
2
1
EL
=
Power required from the inductor per cycle must be
equal to, or greater than
)
fsw
1
(
*
)
(I
*
)
V
V
(V
f
P
OUT
IN
D
OUT
SW
L
−
+
=
in order for the converter to regulate the output.
When the loading exceeds IOB, the PFM controller
operates in continuous mode. Inductor peak current
can be derived from
 −
−
+
−
−
−
+
=
2
x
1
*
T
*
2L
V
V
I
*
2
x
V
V
V
V
V
I
ON
SW
IN
OUT
SW
IN
SW
D
OUT
PK
Valley current (Iv) is
 −
−
−
−
−
+
=
2
x
1
T
*
2L
V
V
*
I
*
2
x
V
V
V
V
V
I
*
ON
DE
IN
OUT
SW
IN
SW
D
OUT
V
Table 1 Indicates resistance and height for each coil.
Power Inductor Type
Inductance (
µH ) Resistance ( Ω ) Rated Current (A) height (mm)
47
0.25
0.7
Sumida SMT Type CD54
100
0.50
0.5
4.5
47
0.25
0.7
Hold SMT Type PM54
100
0.50
0.5
4.5
Hold SMT Type PM75
33
0.11
1.2
5.0
Huan Feng PIN Type V0810
33
40m
2
10.0
CAPACITOR SELECTION
A poor choice for an output capacitor can result in poor
efficiency and high output ripple. Ordinary aluminum
electrolytic capacitors, while inexpensive, may have
unacceptably poor ESR and ESL. There are low ESR
aluminum
capacitors
for
switch
mode
DC-DC
converters
which
work
much
better
than
general-purpose components. Tantalum capacitors
provide
still
better
performance
but
are
more
expensive. OS-CON capacitors have extremely low
ESR in a small size. If the capacitance is reduced, the
output ripple will increase.
As most of the input supply is applied across the input
bypass capacitor, the capacitor voltage rating should
be at least 1.25 times greater than the maximum input
voltage.
DIODE SELECTION
Speed, forward drop, and leakage current are three
main considerations in selecting a rectifier diode. The
best performance is obtained with a Schottky rectifier
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com