Electronic Components Datasheet Search
  English  ▼

X  

X25F047 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25F047
Description  SPI SerialFlash with Block Lock TM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047 Datasheet(HTML) 1 Page - Xicor Inc.

  X25F047 Datasheet HTML 1Page - Xicor Inc. X25F047 Datasheet HTML 2Page - Xicor Inc. X25F047 Datasheet HTML 3Page - Xicor Inc. X25F047 Datasheet HTML 4Page - Xicor Inc. X25F047 Datasheet HTML 5Page - Xicor Inc. X25F047 Datasheet HTML 6Page - Xicor Inc. X25F047 Datasheet HTML 7Page - Xicor Inc. X25F047 Datasheet HTML 8Page - Xicor Inc. X25F047 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
7005-0.9 5/7/97 T4/C0/D1
1
Characteristics subject to change without notice
4K
X25F047
512 x 8 Bit
SPI SerialFlash with Block LockTM Protection
FEATURES
• 1MHz Clock Rate
• SPI Modes (0,0 & 1,1)
• 512 x 8 Bits
—16 Byte Small Sector Program Mode
• Low Power CMOS
—<1
µA Standby Current
—<3mA Active Current during Program
—<400
µA Active Current during Read
• 1.8V to 3.6V or 5V “Univolt” Read and Program
Power Supply Versions
• Block Lock Protection
—Block Lock Protect 0, any 1/4, 1st 1/2, First or
Last Sector of SerialFlash Array
• Built-in Inadvertent Program Protection
—Power-Up/Power-Down Protection Circuitry
—Program Enable Latch
—Program Protect Pin
• Self-Timed Program Cycle
—5ms Program Cycle Time (Typical)
• High Reliability
—Endurance: 100,000 Cycles/Byte
—Data Retention: 100 Years
—ESD: 2000V on all pins
• 8-Lead SOIC Package
• 8-Lead MSOP Package
• 8-Lead TSSOP Package
• 8-Pin Mini-DIP Package
DESCRIPTION
The X25F047 is a CMOS 4K-bit SerialFlash, internally
organized as 512 x 8. The X25F047 features a Serial
Peripheral Interface (SPI) and software protocol
allowing operation on a simple four-wire bus. The bus
signals are a clock input (SCK) plus separate data in (SI)
and data out (SO) lines. Access to the device is
controlled through a chip select (CS) input, allowing any
number of devices to share the same bus.
There are eight options for programmable, nonvolatile,
Block Lock Protection available to the end user. These
options are implemented via special instructions
programmed to the part. The X25F047 also features a
PP pin that can be used for hardwire protection of the
part, disabling all programming attempts, as well as a
Program Enable Latch that must be set before a program
operation can be initiated.
The X25F047 utilizes Xicor’s proprietary Direct WriteTM
cell, providing a minimum endurance of 100,000 cycles
per sector and a minimum data retention of 100 years.
FUNCTIONAL DIAGRAM
COMMAND
DECODE
AND
CONTROL
LOGIC
PROGRAM CONTROL LOGIC
DATA REGISTER
Y DECODE LOGIC
X
DECODE
LOGIC
HIGH VOLTAGE
CONTROL
SERIALFLASH
ARRAY
(512 x 8)
SO
SI
SCK
CS
PP
8
16
32
7005 FRM 01.3


Similar Part No. - X25F047

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F008 XICOR-X25F008 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F008P XICOR-X25F008P Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F008P-5 XICOR-X25F008P-5 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F008PE XICOR-X25F008PE Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F008PE-5 XICOR-X25F008PE-5 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
More results

Similar Description - X25F047

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
SerialFlash TM Memory with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
2-Wire SerialFlash with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
SerialFlash??Memory With Block LockTM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
SPI SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
SerialFlash??Memory With Block Lock??Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com