Electronic Components Datasheet Search
  English  ▼

X  

X25F047 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X25F047
Description  SPI SerialFlash with Block Lock TM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X25F047 Datasheet HTML 3Page - Xicor Inc. X25F047 Datasheet HTML 4Page - Xicor Inc. X25F047 Datasheet HTML 5Page - Xicor Inc. X25F047 Datasheet HTML 6Page - Xicor Inc. X25F047 Datasheet HTML 7Page - Xicor Inc. X25F047 Datasheet HTML 8Page - Xicor Inc. X25F047 Datasheet HTML 9Page - Xicor Inc. X25F047 Datasheet HTML 10Page - Xicor Inc. X25F047 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
X25F047
7
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
7005 FRM T06
POWER-UP TIMING
7005 FRM T07.1
CAPACITANCE TA = +25°C, f = 1MHz, VCC =5V.
7005 FRM T08
Notes: (1) VIL Min. and VIH Max. are for reference only and are not 100% tested.
(2) This parameter is periodically sampled and not 100% tested.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Read Current (Active)
1
mA
SCK = VCC x 0.1/VCC x 0.9 @ 1MHz,
SO = Open, CS =
VSS
ICC2
VCC Write Current (Active)
3
mA
SCK = VCC x 0.1/VCC x 0.9 @ 1MHz,
SO = Open, CS =
VSS
ISB
VCC Supply Current (Standby)
1
µA
CS = VCC - 0.1, VIN = VSS or VCC
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VIL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7 VCC + 0.5
V
VOL1
Output LOW Voltage
0.4
V
VCC = 5.5V, IOL = 2.1mA
VOH1
Output HIGH Voltage
VCC – 0.8
V
VCC = 5.5V, IOH = –1.0mA
VOL2
Output LOW Voltage
0.4
V
VCC = 3.6V, IOL = 1.0mA
VOH2
Output HIGH Voltage
VCC – 0.4
V
VCC = 3.6V, IOH = –0.4mA
VOL3
Output LOW Voltage
0.4
V
VCC = 1.8V, IOL = 0.5mA
VOH3
Output HIGH Voltage
VCC – 0.2
V
VCC = 1.8V, IOH = –0.25mA
Symbol
Parameter
Min.
Max.
Units
tPUR
(3)
Power-up to Read Operation
1
ms
tPUW
(3)
Power-up to Write Operation
5
ms
Symbol
Parameter
Max.
Units
Conditions
COUT
(2)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
(2)
Input Capacitance (SCK, SI, CS, PP)
6
pF
VIN = 0V
RECOMMENDED OPERATING CONDITIONS
7005 FRM T04
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
7005 FRM T05
Supply Voltage
Limits
X25F047
1.8V to 3.6V
X25F047-5
4.5V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com