Electronic Components Datasheet Search
  English  ▼

X  

X25F047 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X25F047
Description  SPI SerialFlash with Block Lock TM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047 Datasheet(HTML) 2 Page - Xicor Inc.

  X25F047 Datasheet HTML 1Page - Xicor Inc. X25F047 Datasheet HTML 2Page - Xicor Inc. X25F047 Datasheet HTML 3Page - Xicor Inc. X25F047 Datasheet HTML 4Page - Xicor Inc. X25F047 Datasheet HTML 5Page - Xicor Inc. X25F047 Datasheet HTML 6Page - Xicor Inc. X25F047 Datasheet HTML 7Page - Xicor Inc. X25F047 Datasheet HTML 8Page - Xicor Inc. X25F047 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
X25F047
2
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked out
by the falling edge of the serial clock.
Serial Input (SI)
SI is a serial data input pin. All opcodes, byte addresses,
and data to be programmed to the memory are input on
this pin. Data is latched by the rising edge of the serial
clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the clock
input, while data on the SO pin change after the falling
edge of the clock input.
Chip Select (CS)
When CS is HIGH, the X25F047 is deselected and the
SO output pin is at high impedance and unless a nonvol-
atile write cycle is underway, the X25F047 will be in the
standby power mode. CS LOW enables the X25F047,
placing it in the active power mode. It should be noted
that after power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
Program Protect (PP)
When PP is LOW, nonvolatile writes to the X25F047 are
disabled, but the part otherwise functions normally. When
PP is held HIGH, all functions, including nonvolatile
writes, operate normally. PP going LOW while CS is still
LOW will interrupt a programming cycle to the X25F047.
If the nonvolatile write cycle has already been initiated,
PP going low will have no affect on this cycle.
PIN NAMES
7005 FRM T01
PIN CONFIGURATION
PRINCIPLES OF OPERATION
The X25F047 is a 512 x 8 SerialFlash designed to inter-
face directly with the synchronous Serial Peripheral Inter-
face (SPI) of many popular microcontroller families.
The X25F047 contains an 8-bit instruction register. It is
accessed via the SI input, with data being clocked in on
the rising edge of SCK. CS must be LOW and the PP
input must be HIGH during the entire operation. Table 1
contains a list of the instructions and their opcodes. All
instructions, addresses and data are transferred MSB first.
Data input is sampled on the first rising edge of SCK
after CS goes LOW. SCK is static, allowing the user to
stop the clock and then start it again to resume opera-
tions where left off.
Program Enable Latch
The X25F047 contains a “Program Enable” latch. This
latch must be SET before a program operation is initi-
ated. The PREN instruction will set the latch and the
PRDI instruction will reset the latch (Figure 4). This latch
is automatically reset upon a power-up condition and
after the completion of a sector program cycle.
Symbol
Description
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
PP
Program Protect Input
VSS
Ground
VCC
Supply Voltage
NC
No Connect
VCC
NC
SI
SCK
SO
CS
VSS
PP
1
2
3
4
8
7
6
5
8-LEAD MSOP
SCK
SI
VSS
PP
NC
VCC
CS
SO
1
2
3
4
8
7
6
5
8-LEAD TSSOP
VCC
NC
SCK
SI
7005 FRM 02
CS
SO
PP
VSS
1
2
3
4
8
7
6
5
8-LEAD SOIC/DIP
X25F047
X25F047
X25F047
*0.197"
*0.244"
0.120"
0.193"
0.122"
0.252"
Not to scale
*SOIC Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com