Electronic Components Datasheet Search
  English  ▼

X  

X25F047 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X25F047
Description  SPI SerialFlash with Block Lock TM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047 Datasheet(HTML) 3 Page - Xicor Inc.

  X25F047 Datasheet HTML 1Page - Xicor Inc. X25F047 Datasheet HTML 2Page - Xicor Inc. X25F047 Datasheet HTML 3Page - Xicor Inc. X25F047 Datasheet HTML 4Page - Xicor Inc. X25F047 Datasheet HTML 5Page - Xicor Inc. X25F047 Datasheet HTML 6Page - Xicor Inc. X25F047 Datasheet HTML 7Page - Xicor Inc. X25F047 Datasheet HTML 8Page - Xicor Inc. X25F047 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
X25F047
3
Block Lock Protection
There are eight Block Lock Protection options. The pre-
defined blocks and associated address ranges are pro-
tected by programming the appropriate two byte
Program Status instruction to the device (Table 1 and
Figure 6). Once a Block Lock protect instruction has
been completed, that Block Lock Protection setup is held
in a nonvolatile Status Register (Figure 1) until the next
Program Status instruction is issued. The sections of the
memory array that are Block Lock protected can be read
but not programmed until Block Lock Protection is
removed or changed.
Figure 1. Status Register/Block Lock Protection Byte
Read Sequence
When reading from the SerialFlash memory array, CS is
first pulled LOW to select the device. The 8-bit READ
instruction is transmitted to the X25F047, followed by the
16-bit address, of which the last 9 bits are used (bits
[15:9] specified to be "0’s"). After the READ opcode and
address are sent, the data stored in the memory at the
selected address is shifted out on the SO line. The data
stored in memory at the next address can be read
sequentially by continuing to provide clock pulses. The
address is automatically incremented to the next higher
address after each byte of data is shifted out. When the
highest address is reached (01FFh), the address counter
rolls over to address 0000h, allowing the read cycle to be
continued indefinitely. The read operation is terminated
by taking CS HIGH (Figure 2).
Sector Program Sequence
Prior to any attempt to program data into the X25F047,
the “Program Enable” latch must first be set by issuing
the PREN instruction (Table 1 and Figure 4). CS is first
taken LOW. Then the PREN instruction is clocked into
the X25F047. After all eight bits of the instruction are
transmitted, CS must then be taken HIGH. If the user
continues the program operation without taking CS HIGH
after issuing the PREN instruction, the program opera-
tion will be ignored.
To program data to the SerialFlash memory array, the
user then issues the PROGRAM instruction, followed by
the 16 bit address of the first location in the sector and
then the 16 bytes of data to be programmed. Only the last
9 bits of the address are used and bits [15:9] are speci-
fied to be "0’s". The entire write operation takes 152
clocks. CS must go LOW and remain LOW for the dura-
tion of the operation. The host must program 16 bytes in
each write with the restriction that these bytes reside on
one sector. If the address counter reaches the end of the
sector and the clock continues, or if fewer than 16 bytes
are clocked in, the contents of the sector cannot be guar-
anteed.
For a sector program operation to be completed, CS can
only be brought HIGH after bit 0 of the last data byte to
be programmed is clocked in. If it is brought HIGH at any
other time, the program operation will not be completed.
(Figure 5)
Read Status Operation
If there is not a nonvolatile write in progress, the Read
Status instruction returns the Block Lock Protection byte
from the Status Register which contains the Block Lock
Protection bits BL2-BL0 (Figure 1). The Block Lock Pro-
tection bits define the Block Lock Protection condition
(Figure 1 and Table1). The other bits are reserved and
will return "0’s" when read (Figure 3).
If a nonvolatile write is in progress, the Read Status
instruction returns the status of the internal write opera-
tion on SO. When the nonvolatile write cycle is com-
pleted, the status register data is again read out.
During a nonvolatile write in progress, the SO pin will be
set HIGH. At the end of the nonvolatile write cycle, SO is
set to output the current bit from the status register.
Clocking SCK is valid during a nonvolatile write in
progress, but is not necessary. If the SCK line is clocked,
the pointer to the status register is also clocked, even
though the SO pin shows the status of the nonvolatile
write operation (Figure 3). When the pointer reaches the
end of the eight bit status register, it “rolls over” to the first
bit of the register.
Program Status Operation
Prior to any attempt to perform a Program Status Opera-
tion, the PREN instruction must first be issued. This
instruction sets the “Program Enable” latch and allows
the part to respond to a Program Status sequence (Fig-
ure 6). The Program Status instruction follows and con-
sists of one command byte followed by one Block Lock
Protection byte (Figure 1). This byte contains the Block
Lock Protection bits BL2-BL0. The rest of the bits [7:3]
are unused and must be programmed as “0’s”. Bringing
CS HIGH after the two byte Program Status instruction
initiates a nonvolatile write to the Status Register. Pro-
gramming more than one byte to the Status Register will
overwrite the previously programmed Block Lock Protec-
tion byte (Table 1).
7
6
5
4
3
2
1
0
0
0
0
0
0
BL2
BL1
BL0
Note: Bits [7:3] specified to be “0’s”
7005 FRM T02.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com