| Electronic Components Datasheet Search |
|
SS6782GSTR Datasheet(PDF) 16 Page - Silicon Standard Corp. |
|
|
|||||||||||||||||||||||||||||
SS6782GSTR Datasheet(HTML) 16 Page - Silicon Standard Corp. |
|
16 / 19 page ![]() www.SiliconStandard.com 16 of 19 SS6782G 9/21/2005 Rev.3.01 TYPE 1 Power On Wait Charge Full Abnormal LEA1/ LEB1 1HZ ON ON OFF OFF LEA2/ LEB2 OFF ON OFF ON OFF TYPE 2 Power On Wait Charge Full Abnormal LEA1/ LEB1 1HZ 1HZ ON OFF 4HZ LEA2/ LEB2 1HZ 1HZ 4HZ ON OFF Charging Current Control As shown in the typical application circuit, the SS6 782G offers two open-drain output pins, ICOA and ICOB pins, to control the charging cur- rent of battery pack A and pack B. When fast charging is completed, the SS6782G enters the trickle charge mode. In trickle charge mode, the ICOA or ICOB output pins switch with predeter- mined duty cycle. Refering to the table of trickle charge mode (TABLE 6), the duty cycle is deter- mined by the setting of SEL1 and SEL2 pins. The following table summarizes how ICOA and ICOB pins correspond to various charging states. Power ON Wait ON Fast Charging Charge Completed Fault Conditions ICOA/ ICOB ON ON OFF See pin 14 & 15 ON Test Mode Fig. 17 shows the timing diagram for externally controlled ADJ, ABV, BBV, ATS, BTS, SEL1 and SEL2 pin voltages in a recommended SS6782G test scheme, utilizing TEST mode function. Out- put waveforms of LEA1, LEA2, LEB1, LEB2, ICOA and ICOB from a properly functioning SS6 782G are also shown in the figure. For de- tailed information please consult with SSC staff directly. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |