Electronic Components Datasheet Search
  English  ▼

X  

SS6782GSTR Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6782GSTR
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782GSTR Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6782GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 11Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 12Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 13Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 14Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 15Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.SiliconStandard.com
11 of 19
SS6782G
9/21/2005 Rev.3.01
ABV/BBV Range and Temperature Protection
once every 8 seconds, which is also determined
by the safety timer.
The acceptable battery voltage range of ABV and
BBV pins and the mode of temperature protection
function is determined by the voltage of the
SEL3 pin, shown as the following:
The
-
∆V detection and peak voltage timer (0
∆V)
functions
can be disabled if the MODE pin is
biased to GND. The
∆ T/∆ t function can be
disabled if the voltage of the ADJ pin is higher
than (Vcc-0.3V).
(a) SEL3 > VCC - 0.3V
Acceptable ABV/BBV Range:
Before initial timer: 0.16V~2.7V
After initial timer: 0.69V~2.7V
Maximum Safety Timer Cutoff
The maximum fast charge period is determined
by the safety timer, which is set by a resistor
connected from TMR pin to GND. Safety timer,
-
∆V sampling rate, and ∆
∆
T/ t sampling rate
will be longer if the resistor value is larger.
When the value of the resistor is 100k
Ω, the
safety timer period equals 80 minutes. This can
be verified by biasing the MODE pin to VCC and the
measured frequency on DSW pin should be
around 32.8 KHz. After the safety timer period
is finished, the fast charge action is terminated.
Temperature Protection Mode:
Enters charging-suspended mode when tem-
perature is either too low or too high, same as
abnormal battery voltage. Latch for charge-
suspending function is provided for high tem-
perature protection, but not for low temperature
protection.
(b) VCC - 1.4V> SEL3 >
V
2
cc
- 0.4V
Acceptable ABV/BBV Range:
Before initial timer: 0.16V~2.7V
Maximum Voltage and Temperature Cutoff
After initial timer: 0.69V~2.7V
The SS6782G guards against the maximum lim-
its for battery voltage and temperature during
fast charging. If either of these limits is ex-
ceeded, fast charge action is terminated.
Temperature Protection Mode:
If temperature is too high, battery charging
is regarded as completed. If temperature is
too low, function of ∆
detection is
disabled, just as if the thermistor did not exist.
∆
T/ t
Trickle Charge
(c)
V
2
cc
- 0.4V>SEL3 >1.4V
There are five different selectable duty cycles
for trickle charging after fast charging to pre-
vent the loss of charge due to battery self-
discharging. The setting of SEL1 and SEL2 pins
controls the duty cycle
. This function can only
be activated in the following three situations:
Acceptable ABV/BBV Range:
Before initial timer: 0.16V~2 V
After initial timer: 1.2V~2V
Temperature Protection Mode:
Battery pack A is fully charged and battery
pack B is abnormal.
Enters the charging-suspended mode when
temperature is too low or too high, same
as abnormal battery voltage. Latch for
charging-suspended function is provided for
high temperature protection, but not for low
temperature protection.
Battery pack B is fully charged and battery
pack A is abnormal.
Battery pack A and B are both fully charged.
DESIGN GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com