Electronic Components Datasheet Search
  English  ▼

X  

SS6782GSTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6782GSTR
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782GSTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6782GSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.SiliconStandard.com
6 of 19
SS6782G
9/21/2005 Rev.3.01
TYPICAL PERFORMANCE CHARACTERISTICS
(TA=25°C, R2=100kΩ , VCC=5V, refer to the test circuit, page 4)
4.4
4.6
4.8
5.0
5.2
5.4
1.00
1.06
1.12
1.18
Fig. 2
Supply Current vs. Supply Voltage
VCC (V)
79.0
79.5
80.0
80.5
81.0
4.4
4.6
4.8
5.0
5.2
5.4
Fig. 3
Safety Timer vs. Supply Voltage
VCC (V)
0
204060
79.0
80.0
81.0
82.0
Fig. 4
Safety Timer vs. Temperature
Temperature(
°C)
80
1.02
020
40
60
0.90
1.14
1.26
Fig. 5
Supply Current vs. Temperature
Temperature (
°C)
80
020
40
60
2.74
2.62
2.66
2.70
80
Fig. 6
ABV and BBV (High) Limit vs. Temperature
(SEL3>3V)
Temperature (
°C)
0
2040
608
2.02
2.03
1.98
2.00
0
Fig. 7
ABV and BBV (High) Limit vs. Temperature
(SEL3<2V)
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com