Electronic Components Datasheet Search
  English  ▼

X  

SS6782GSTR Datasheet(PDF) 18 Page - Silicon Standard Corp.

Part # SS6782GSTR
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782GSTR Datasheet(HTML) 18 Page - Silicon Standard Corp.

Back Button SS6782GSTR Datasheet HTML 11Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 12Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 13Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 14Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 15Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 16Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 17Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 18Page - Silicon Standard Corp. SS6782GSTR Datasheet HTML 19Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.SiliconStandard.com
18 of 19
SS6782G
9/21/2005 Rev.3.01
eB
D1
e
b2
A
A
D
WITH PLATING
eA
SECTION A-A
BASE METAL
b
E
GAUGE PLANE
2.54 BSC
e
L
eB
eA
2.92
7.62 BSC
3.81
10.92
D
24.89
E
E1
D1
7.62
6.10
0.13
c
b2
b
0.20
1.14
0.36
26.92
8.26
7.11
0.35
1.78
0.56
MILLIMETERS
MIN.
S
Y
M
B
O
L
A1
A2
A
0.38
2.92
MAX.
4.95
5.33
DIP-20
PHYSICAL DIMENSIONS (unit: mm)
DIP-20
h
θ
L
D
e
H
E
C
B
A1
0.50
0.25
0.40
0°
1.27
8°
1.27 BSC
12.60
10.00
7.40
0.33
0.23
0.10
13.00
10.65
7.60
0.51
0.32
0.30
S
Y
M
B
O
L
A
SOP-20
MILLIMETERS
2.35
MIN.
2.65
MAX.
L
VIEW B
SEATING PLANE
BASE METAL
WITH PLATING
GAUGE PLANE
B
SECTION A-A
D
A
e
A
SEE VIEW B
SOP-20 (300 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com