Electronic Components Datasheet Search
  English  ▼

X  

SS8051 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8051
Description  Micro-Power Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8051 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8051 Datasheet HTML 1Page - Silicon Standard Corp. SS8051 Datasheet HTML 2Page - Silicon Standard Corp. SS8051 Datasheet HTML 3Page - Silicon Standard Corp. SS8051 Datasheet HTML 4Page - Silicon Standard Corp. SS8051 Datasheet HTML 5Page - Silicon Standard Corp. SS8051 Datasheet HTML 6Page - Silicon Standard Corp. SS8051 Datasheet HTML 7Page - Silicon Standard Corp. SS8051 Datasheet HTML 8Page - Silicon Standard Corp. SS8051 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.SiliconStandard.com
3 of 4
SS8051
Rev.2.01 6/06/2003
TYPICAL PERFORMANCE CHARACTERISTICS
(V CC =+3.6V, V SHDN =+3.6V, L=10µH, TA=25°C, unless otherwise noted.)
Output Voltage vs. Input Voltage
19
19.5
20
20.5
21
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Efficiency vs. Load Current
50
55
60
65
70
75
80
85
90
0.1
1
10
100
Load Current (mA)
V
IN=2.7V
VIN=3.6V
VIN=4.2V
Quiescent Current vs. Temperature
10
20
30
40
50
-20
0
20
40
60
80
100
Temperature (C)
VIN=2.7V
V
IN=4.2V
Vds(on) vs. Temperature
100
200
300
400
500
-20
0
20
40
60
80
100
Temperature (C)
VIN=2.7V
V
IN=4.2V
Feedback Voltage vs. Temperature
1.18
1.19
1.2
1.21
1.22
-20
0
20
40
60
80
100
Temperature (C)
V
IN=2.7V
VIN=4.2V
Output Voltage vs. Load Current
19
19.5
20
20.5
21
1
2
3
4
5
6
7
8
9
10
Load Current (mA)
VIN=2.7V
VIN=4.2V
IOUT=1mA
IOUT=10mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com