Electronic Components Datasheet Search
  English  ▼

X  

SS8051 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8051
Description  Micro-Power Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8051 Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS8051 Datasheet HTML 1Page - Silicon Standard Corp. SS8051 Datasheet HTML 2Page - Silicon Standard Corp. SS8051 Datasheet HTML 3Page - Silicon Standard Corp. SS8051 Datasheet HTML 4Page - Silicon Standard Corp. SS8051 Datasheet HTML 5Page - Silicon Standard Corp. SS8051 Datasheet HTML 6Page - Silicon Standard Corp. SS8051 Datasheet HTML 7Page - Silicon Standard Corp. SS8051 Datasheet HTML 8Page - Silicon Standard Corp. SS8051 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.SiliconStandard.com
3 of 4
SS8051
Rev.2.01 6/06/2003
APPLICATIONS INFORMATION
The SS8051 is a boost converter with an integrated
N-channel MOSFET (refer to the block diagram above).
The boost cycle is initiated when the FB pin voltage drops
below 1.2V and the MOSFET turns on. During the period
that the MOSFET is on, the inductor current ramps up
until the 350mA current limit is reached. Then the
MOSFET turns off and the inductor current flows through
the external schottky diode, ramping down to zero.
During the MOSFET off period, the inductor current
charges the output capacitor and the output voltage
climbs. This pumping mechanism continues cycle by
cycle until the FB pin voltage exceeds 1.2V and the
non-switching mode starts. In this mode, the SS8051
consumes as little as 20uA typically, saving on battery
power.
Choosing an Inductor
There are several recommended inductors that work
well with the SS8051 in Table 1. Use the equations
and recommendations in the next few sections to find
the proper inductance value for your design.
TABLE 1. RECOMMENDED INDUCTORS
PART
VALUE?
µH)
MAX DCR ?
W)
VENDOR
LQH3C4R7
LQH3C100
LQH3C220
4.7
10
22
0.26
0.30
0.92
Murata
www.murata.com
CD43-4R7
CD43-100
CDRH4D18-4R7
CDRH4D18-100
4.7
10
4.7
10
0.11
0.18
0.16
0.20
Sumida
www.sumida.com
DO1608-472
DO1608-103
DO1608-223
4.7
10
22
0.09
0.16
0.37
Coilcraft
www.coilcraft.com
Inductor Selection – Boost Regulator
The appropriate inductance value for the boost regulator
application may be calculated from the following
equation. Select a standard inductor close to this value.
VOUT-VIN(MIN)+VD
L =
ILIM
x tOFF
+
+
VREF
BIAS
SHUTDOWN
LOGIC
C2
SW
L1
SHDN
VCC
C1
R1
R2
VOUT
FB
ERROR
COMP
1.2 V
en _sw
GND
PUMP CONTROL
OC
COMP
DRIVER
T OFF PULSE
CONTROL
V OUT
V IN
+
+
VREF
BIAS
SHUTDOWN
LOGIC
C2
SW
L1
SHDN
VCC
C1
R1
R2
VOUT
FB
ERROR
COMP
1.2 V
en _sw
GND
PUMP CONTROL
OC
COMP
DRIVER
T OFF PULSE
CONTROL
V OUT
V IN
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com