Electronic Components Datasheet Search
  English  ▼

X  

SS8051 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8051
Description  Micro-Power Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8051 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8051 Datasheet HTML 1Page - Silicon Standard Corp. SS8051 Datasheet HTML 2Page - Silicon Standard Corp. SS8051 Datasheet HTML 3Page - Silicon Standard Corp. SS8051 Datasheet HTML 4Page - Silicon Standard Corp. SS8051 Datasheet HTML 5Page - Silicon Standard Corp. SS8051 Datasheet HTML 6Page - Silicon Standard Corp. SS8051 Datasheet HTML 7Page - Silicon Standard Corp. SS8051 Datasheet HTML 8Page - Silicon Standard Corp. SS8051 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.SiliconStandard.com
1 of 9
SS8051
Rev.2.01 6/06/2003
Micro-Power Step-up DC/DC Converter
FEATURES
Configurable output voltage up to 28V
Quiescent current of 20µA
Shutdown current <1µA
Shutdown-pin current <1µA
Supply range from 2.5V to 6.5V
Low VDS(on): 250mV (ISW=300mA)
Tiny SOT23-5 package
APPLICATIONS
STN/TFT LCD Bias
Personal Digital Assistants (PDAs)
Handheld Computers
Digital Still Cameras
Cellular Phones
WebPad
White LED Driver
Local 3V to 5V Conversion
DESCRIPTION
The SS8051 boost converter is designed for small to
medium size LCD panels requiring high bias voltages.
With a typical quiescent current of 20µA and a supply
voltage range of 2.5V to 6.5V, it is suitable for battery
powered portable applications, such as PDAs and
handheld computers. When the SS8051 goes into
shutdown mode, it consumes less than 1µA.
Furthermore, with a 350mA current limit, 500ns fixed
minimum off-time and tiny SOT23-5 package, the
SS8051 can be used with smaller inductors and other
surface-mount components to minimize the required PCB
footprint in space-conscious applications.
To control the SS8051, no other external current is
needed for the shutdown pin, which typically consumes
less than 1µA over the full supply range.
TYPICAL APPLICATION CIRCUIT
GND
1µF
4.7µF
10uH
2.5V – 4.2V
1M
VCC
SW
SHDN
FB
GND
SS8051
1µF
4.7µF
62k
20V
12mA


Similar Part No. - SS8051

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
TRANSISTOR (NPN)
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
41Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Weitron Technology
SS8050 WEITRON-SS8050 Datasheet
223Kb / 4P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
SS8050 FAIRCHILD-SS8050 Datasheet
43Kb / 4P
2W Output Amplifier of Portable Radios in Class B Push-pull Operation.
logo
Galaxy Semi-Conductor H...
SS8050 BILIN-SS8050 Datasheet
194Kb / 4P
Silicon Epitaxial Planar Transistor
More results

Similar Description - SS8051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
Micro-Power Step-up DC/DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
Low Power DC-DC Step-Up Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com