Electronic Components Datasheet Search
  English  ▼

X  

SS8051 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS8051
Description  Micro-Power Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8051 Datasheet(HTML) 7 Page - Silicon Standard Corp.

  SS8051 Datasheet HTML 1Page - Silicon Standard Corp. SS8051 Datasheet HTML 2Page - Silicon Standard Corp. SS8051 Datasheet HTML 3Page - Silicon Standard Corp. SS8051 Datasheet HTML 4Page - Silicon Standard Corp. SS8051 Datasheet HTML 5Page - Silicon Standard Corp. SS8051 Datasheet HTML 6Page - Silicon Standard Corp. SS8051 Datasheet HTML 7Page - Silicon Standard Corp. SS8051 Datasheet HTML 8Page - Silicon Standard Corp. SS8051 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.SiliconStandard.com
3 of 4
SS8051
Rev.2.01 6/06/2003
Here, VD = 0.4V (Schottky diode voltage), ILIM = 350mA
and tOFF = 500ns. A larger value can be used to slightly
increase the available output current, but limit it to about
twice the calculated value. When too large an inductor is
used, the output voltage ripple will increase without
providing much additional output current. In conditions of
varying VIN, such as battery power applications, use the
minimum VIN value in the above equation. A smaller
value can be used to give smaller physical size, but
overshoot of the inductor current will occur (see Current
Limit Overshoot section).
Inductor Selection – SEPIC Regulator
For a SEPIC regulator using the SS8051, the
approximate inductance value can be calculated using
the formula below. As for the boost inductor selection, a
larger or smaller value can be used.
Current Limit Overshoot
The SS8051 uses a constant off-time control scheme;
the MOSFET is turned off after the 350mA current limit is
reached. When the current limit is reached and the
MOSFET actually turns off, there is a 100ns delay time.
During this time, the inductor current exceeds the current
limit by a small amount. The formula below can calculate
the peak inductor current.
VIN(MAX) – VSAT
IPEAK = ILIM +
L
x 100ns
Here, VSAT = 0.25V (switch saturation voltage). For
systems with high input voltages and smaller
inductance values, the current overshoot will be most
apparent. This overshoot can be useful as it helps
increase the amount of available output current. By
using a small inductance value, the current limit
overshoot can be quite high. Even though it is
internally current limited to 350mA, the internal
MOSFET of the SS8051 can handle larger currents
without any problem, but the total efficiency will suffer.
For best performance, the IPEAK is best kept below
500mA.
Capacitor Selection
Low ESR (Equivalent Series Resistance) capacitors
should be used at the output to minimize the output
ripple voltage and the peak-to-peak transient voltage.
Multilayer ceramic capacitors (MLCC) are the best
choice, as they have a very low ESR and are
available in very small packages. Their small size
makes them a good match with the SS8051’s
SOT-23 package. If solid tantalum capacitors (like the
AVX TPS, Sprague 593D families) or OS-CON
capacitors are used, they will occupy more volume
than ceramic ones and the higher ESR increases the
output ripple voltage. It is important to use a capacitor
with a sufficient voltage rating.
A low ESR surface-mount ceramic capacitor also
makes a good selection for the input bypass capacitor,
which should be placed as close as possible to the
SS8051. A 4.7µF input capacitor is sufficient for
most applications.
Diode Selection
For most SS8051 applications, the high switching
frequency requires high-speed Schottky diodes, such
as the Motorola MBR0530 (0.5A, 30V) with their low
forward voltage drop and fast switching speed. Many
different manufacturers make equivalent parts, but
make sure that the component is rated for at least
0.35A. To achieve high efficiency, the average
current rating of the Schottky diodes should be
greater than the peak switching current. Choose a
reverse breakdown voltage greater than the output
voltage.
Lowering Output Ripple Voltage
The SS8051 supplies energy to the load in bursts by
ramping up the inductor current, then delivering that
current to the load. Using low ESR capacitors will help
VOUT + VD
L = 2
ILIM
x tOFF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com