Electronic Components Datasheet Search
  English  ▼

X  

HAL573 Datasheet(PDF) 4 Page - Micronas

Part # HAL573
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL573 Datasheet(HTML) 4 Page - Micronas

  HAL573 Datasheet HTML 1Page - Micronas HAL573 Datasheet HTML 2Page - Micronas HAL573 Datasheet HTML 3Page - Micronas HAL573 Datasheet HTML 4Page - Micronas HAL573 Datasheet HTML 5Page - Micronas HAL573 Datasheet HTML 6Page - Micronas HAL573 Datasheet HTML 7Page - Micronas HAL573 Datasheet HTML 8Page - Micronas HAL573 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
HAL57x, HAL58x
DATA SHEET
4
Dec. 22, 2008; DSH000145_003EN
Micronas
Two-Wire Hall-Effect Sensor Family
in CMOS technology
Release Note: Revision bars indicate significant
changes to the previous edition.
1. Introduction
This sensor family consists of different two-wire Hall
switches produced in CMOS technology. All sensors
change the current consumption depending on the
external magnetic field and require only two wires
between sensor and evaluation circuit. The sensors of
this family differ in the magnetic switching behavior
and switching points.
The sensors include a temperature-compensated Hall
plate with active offset compensation, a comparator,
and a current source. The comparator compares the
actual magnetic flux through the Hall plate (Hall volt-
age) with the fixed reference values (switching points).
Accordingly, the current source is switched on (high
current consumption) or off (low current consumption).
The active offset compensation leads to constant mag-
netic characteristics in the full supply voltage and tem-
perature range. In addition, the magnetic parameters
are robust against mechanical stress effects.
The sensors are designed for industrial and automo-
tive applications and operate with supply voltages from
3.75 V to 24 V in the junction temperature range from
−40 °C up to 140 °C. All sensors are available in the
SMD package SOT89B-1 and in the leaded versions
TO92UA-1 and TO92UA-2.
1.1. Features
– current output for two-wire applications
– low current consumption: 5 mA...6.9 mA
– high current consumption: 12 mA...17 mA
– junction temperature range from
−40 °C up to
140
°C.
– operates from 3.75 V to 24 V supply voltage
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– switching offset compensation at typically 145 kHz
– overvoltage and reverse-voltage protection
– magnetic characteristics are robust against
mechanical stress effects
– constant magnetic switching points over a wide sup-
ply voltage range
– the decrease of magnetic flux density caused by ris-
ing temperature in the sensor system is compen-
sated by a built-in negative temperature coefficient
of the magnetic characteristics
– ideal sensor for applications in extreme automotive
and industrial environments
– EMC corresponding to ISO 7637
1.2. Family Overview
Unipolar Switching Sensors:
The sensor turns to high current consumption with the
magnetic south pole on the branded side of the pack-
age and turns to low consumption if the magnetic field
is removed. The sensor does not respond to the mag-
netic north pole on the branded side.
Fig. 1–1: Unipolar Switching Sensor
Type
Switching
Behavior
Sensitivity
see
Page
573
unipolar
low
19
574
unipolar
medium
21
575
latching
medium
23
576
unipolar
medium
25
579
latching
medium
27
581
unipolar
inverted
medium
29
584
unipolar
inverted
medium
31
BOFF
BON
0
IDDhigh
IDDlow
Current consumption
B
BHYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com