Electronic Components Datasheet Search
  English  ▼

X  

HAL573 Datasheet(PDF) 7 Page - Micronas

Part # HAL573
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL573 Datasheet(HTML) 7 Page - Micronas

Back Button HAL573 Datasheet HTML 3Page - Micronas HAL573 Datasheet HTML 4Page - Micronas HAL573 Datasheet HTML 5Page - Micronas HAL573 Datasheet HTML 6Page - Micronas HAL573 Datasheet HTML 7Page - Micronas HAL573 Datasheet HTML 8Page - Micronas HAL573 Datasheet HTML 9Page - Micronas HAL573 Datasheet HTML 10Page - Micronas HAL573 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DATA SHEET
HAL57x, HAL58x
Micronas
Dec. 22, 2008; DSH000145_003EN
7
2. Functional Description
The HAL 57x, HAL58x two-wire sensors are monolithic
integrated circuits which switch in response to mag-
netic fields. If a magnetic field with flux lines perpendic-
ular to the sensitive area is applied to the sensor, the
biased Hall plate forces a Hall voltage proportional to
this field. The Hall voltage is compared with the actual
threshold level in the comparator. The temperature-
dependent bias increases the supply voltage of the
Hall plates and adjusts the switching points to the
decreasing induction of magnets at higher tempera-
tures.
If the magnetic field exceeds the threshold levels, the
current source switches to the corresponding state. In
the low current consumption state, the current source
is switched off and the current consumption is caused
only by the current through the Hall sensor. In the high
current consumption state, the current source is
switched on and the current consumption is caused by
the current through the Hall sensor and the current
source. The built-in hysteresis eliminates oscillation
and provides switching behavior of the output signal
without bouncing.
Magnetic offset caused by mechanical stress is com-
pensated for by using the “switching offset compensa-
tion technique”. An internal oscillator provides a two-
phase clock. In each phase, the current is forced
through the Hall plate in a different direction, and the
Hall voltage is measured. At the end of the two
phases, the Hall voltages are averaged and thereby
the offset voltages are eliminated. The average value
is compared with the fixed switching points. Subse-
quently, the current consumption switches to the corre-
sponding state. The amount of time elapsed from
crossing the magnetic switching level to switching of
the current level can vary between zero and 1/fosc.
Shunt protection devices clamp voltage peaks at the
VDD-pin together with external series resistors.
Reverse current is limited at the VDD-pin by an inter-
nal series resistor up to
−15 V. No external protection
diode is needed for reverse voltages ranging from 0 V
to
−15 V.
Fig. 2–1: HAL57x, HAL58x block diagram
Fig. 2–2: Timing diagram (example: HAL581)
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Current
Source
VDD
1
Clock
Hall Plate
GND
2, x
HAL 57x, HAL58x
Reverse
Voltage &
Overvoltage
Protection
x = pin 3 for TO92UA-1/-2 package
x = pin 4 for SOT89B-1 package
t
1/fosc =
μs
B
B OFF
t
t
tf
t
t
B ON
IDDhigh
IDDlow
IDD
IDD
fosc
6.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com