Electronic Components Datasheet Search
  English  ▼

X  

HAL573 Datasheet(PDF) 22 Page - Micronas

Part # HAL573
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL573 Datasheet(HTML) 22 Page - Micronas

Back Button HAL573 Datasheet HTML 18Page - Micronas HAL573 Datasheet HTML 19Page - Micronas HAL573 Datasheet HTML 20Page - Micronas HAL573 Datasheet HTML 21Page - Micronas HAL573 Datasheet HTML 22Page - Micronas HAL573 Datasheet HTML 23Page - Micronas HAL573 Datasheet HTML 24Page - Micronas HAL573 Datasheet HTML 25Page - Micronas HAL573 Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
HAL574
DATA SHEET
22
Dec. 22, 2008; DSH000145_003EN
Micronas
Note: In the diagram “Magnetic switching points ver-
sus temperature”, the curves for
BONmin, BONmax, BOFFmin, and BOFFmax
refer to junction temperature, whereas typical
curves refer to ambient temperature.
0
5
10
15
20
25
30
0
2
4
6
8
10
12
B
ON
BOFF
TA = −40 °C
TA = 25 °C
TA = 100 °C
TA = 125 °C
V
mT
BON
BOFF
HAL 574
VDD
Fig. 4–6: Typ. magnetic switching points
versus supply voltage
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
BON
BOFF
TA = −40 °C
TA = 25 °C
TA = 100 °C
TA = 125 °C
V
mT
BON
BOFF
HAL 574
VDD
Fig. 4–7: Typ. magnetic switching points
versus supply voltage
−50
0
50
100
150
200
0
2
4
6
8
10
12
14
°C
B
ON
max
B
OFF
max
B
ON
typ
B
OFF
typ
B
ON
min
B
OFF
min
VDD = 3.75
VDD = 12 V...24 V
mT
BON
BOFF
TA, TJ
HAL 574
Fig. 4–8: Magnetic switching points
versus temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com