Electronic Components Datasheet Search
  English  ▼

X  

HAL573 Datasheet(PDF) 23 Page - Micronas

Part # HAL573
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL573 Datasheet(HTML) 23 Page - Micronas

Back Button HAL573 Datasheet HTML 19Page - Micronas HAL573 Datasheet HTML 20Page - Micronas HAL573 Datasheet HTML 21Page - Micronas HAL573 Datasheet HTML 22Page - Micronas HAL573 Datasheet HTML 23Page - Micronas HAL573 Datasheet HTML 24Page - Micronas HAL573 Datasheet HTML 25Page - Micronas HAL573 Datasheet HTML 26Page - Micronas HAL573 Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DATA SHEET
HAL575
Micronas
Dec. 22, 2008; DSH000145_003EN
23
4.3. HAL575
The HAL575 is a medium sensitive latching switching
sensor (see Fig. 4–9).
The sensor turns to high current consumption with the
magnetic south pole on the branded side of the pack-
age and turns to low consumption with the magnetic
north pole on the branded side. The current consump-
tion does not change if the magnetic field is removed.
For changing the current consumption, the opposite
magnetic field polarity must be applied.
For correct functioning in the application, the sensor
requires both magnetic polarities on the branded side
of the package.
Magnetic Features:
– switching type: latching
– medium sensitivity
–typical BON: 4 mT at room temperature
–typical BOFF: −4 mT at room temperature
– typical temperature coefficient of magnetic switching
points is 0 ppm/K
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
Applications
The HAL575 is designed for applications with both
magnetic polarities and weak magnetic amplitudes at
the sensor position such as:
– applications with large airgap or weak magnets,
– multipole magnet applications,
– contactless solutions to replace micro switches,
– rotating speed measurement.
Fig. 4–9: Definition of magnetic switching points for
the HAL575
Magnetic Characteristics at TJ = −40 °C to +140 °C, VDD = 3.75 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
The hysteresis is the difference between the switching points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2
Current consumption
IDDlow
BHYS
IDDhigh
BOFF
BON
0
B
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C0.5
4
8
−8
−4
−0.5
5
8
11
0
mT
25
°C0.5
4
8
−8
−4
−0.5
5
8
11
0
mT
100
°C0.5
4
8
−8
−4
−0.5
5
8
11
0
mT
140
°C0.5
4
8
−8
−4
−0.5
5
8
11
0
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com