Electronic Components Datasheet Search
  English  ▼

X  

HAL880 Datasheet(PDF) 3 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 3 Page - Micronas

  HAL880 Datasheet HTML 1Page - Micronas HAL880 Datasheet HTML 2Page - Micronas HAL880 Datasheet HTML 3Page - Micronas HAL880 Datasheet HTML 4Page - Micronas HAL880 Datasheet HTML 5Page - Micronas HAL880 Datasheet HTML 6Page - Micronas HAL880 Datasheet HTML 7Page - Micronas HAL880 Datasheet HTML 8Page - Micronas HAL880 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Contents
Page
Section
Title
Micronas
Feb. 23, 2009; DSH000152_001EN
3
DATA SHEET
HAL880
4
1.
Introduction
4
1.1.
Major Applications
4
1.2.
Features
5
1.3.
Marking Code
5
1.4.
Operating Junction Temperature Range (TJ)
5
1.5.
Hall Sensor Package Codes
5
1.6.
Solderability and Welding
5
1.7.
Pin Connections and Short Descriptions
6
2.
Functional Description
6
2.1.
General Function
8
2.2.
Digital Signal Processing and EEPROM
11
2.3.
Calibration Procedure
11
2.3.1.
General Procedure
13
3.
Specifications
13
3.1.
Outline Dimensions
17
3.2.
Dimensions of Sensitive Area
17
3.3.
Positions of Sensitive Areas
17
3.4.
Absolute Maximum Ratings
18
3.5.
Recommended Operating Conditions
18
3.5.1.
Storage and Shelf Life
19
3.6.
Characteristics
21
3.6.1.
Definition of Sensitivity Error ES
22
3.7.
Open-Circuit Detection
22
3.8.
Power-On Operation
22
3.9.
Overvoltage and Undervoltage Detection
22
3.10.
Magnetic Characteristics
23
4.
Application Notes
23
4.1.
Application Circuit
23
4.2.
Use of two HAL 880 in Parallel
24
4.3.
Temperature Compensation
25
4.4.
Ambient Temperature
25
4.5.
EMC and ESD
26
5.
Programming of the Sensor
26
5.1.
Definition of Programming Pulses
26
5.2.
Definition of the Telegram
29
5.3.
Telegram Codes
30
5.4.
Number Formats
30
5.5.
Register Information
33
5.6.
Programming Information
34
6.
Data Sheet History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com