Electronic Components Datasheet Search
  English  ▼

X  

HAL880 Datasheet(PDF) 4 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 4 Page - Micronas

  HAL880 Datasheet HTML 1Page - Micronas HAL880 Datasheet HTML 2Page - Micronas HAL880 Datasheet HTML 3Page - Micronas HAL880 Datasheet HTML 4Page - Micronas HAL880 Datasheet HTML 5Page - Micronas HAL880 Datasheet HTML 6Page - Micronas HAL880 Datasheet HTML 7Page - Micronas HAL880 Datasheet HTML 8Page - Micronas HAL880 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
HAL880
DATA SHEET
4
Feb. 23, 2009; DSH000152_001EN
Micronas
Programmable Linear Hall-Effect Sensor
1. Introduction
The HAL880 is a new member of the Micronas family
of programmable linear Hall sensors. The HAL880
complements the existing Hall-effect sensor family
HAL8xy to the lower end. It is designed to fulfill the
requirements of today’s state-of-the-art applications for
linear and angular measurements that require pro-
grammability to compensate system tolerances.
The HAL880 is an universal magnetic field sensor with
a linear output based on the Hall effect. The IC can be
used for angle or distance measurements if combined
with a rotating or moving magnet. The major charac-
teristics like magnetic field range, sensitivity, output
quiescent voltage (output voltage at B = 0 mT), and
output voltage range are programmable in a non-vola-
tile memory. The sensor has a ratiometric output char-
acteristic, which means that the output voltage is pro-
portional to the magnetic flux and the supply voltage.
The HAL 880 features a temperature-compensated
Hall plate with choppered offset compensation, an A/D
converter, digital signal processing, a D/A converter
with output driver, an EEPROM memory with redun-
dancy and lock function for the calibration data, an
EEPROM for customer serial number, a serial inter-
face for programming the EEPROM, and protection
devices at all pins. The internal digital signal process-
ing is of great benefit because analog offsets, temper-
ature shifts, and mechanical stress do not degrade the
sensor accuracy.
The HAL880 is programmable by modulating the sup-
ply voltage. No additional programming pin is needed.
The easy programmability allows a 2-point calibration
by adjusting the output voltage directly to the input
signal (like mechanical angle, distance, or current).
Individual adjustment of each sensor during the
customer’s manufacturing process is possible. With
this calibration procedure, the tolerances of the sensor,
the magnet, and the mechanical positioning can be
compensated in the final assembly. This offers a low-
cost alternative for all applications that presently need
mechanical adjustment or laser trimming for calibrating
the system.
In addition, the temperature compensation of the Hall
IC can be fit to common magnetic materials by pro-
gramming first and second order temperature coeffi-
cients of the Hall sensor sensitivity.
The calculation of the individual sensor characteristics
and the programming of the EEPROM memory can
easily be done with a PC and the application kit from
Micronas.
The sensor is designed for hostile industrial and
automotive applications and operates with typically
5 V supply voltage in the ambient temperature range
from
−40 °C up to 125 °C. The HAL880 is available
in the very small leaded packages TO92UT-1 and
TO92UT-2.
1.1. Major Applications
Due to the sensor’s versatile programming character-
istics and low temperature drifts, the HAL 880 is the
optimal system solution for applications such as:
– contactless potentiometer,
– rotary position measurement,
– linear movement,
– current measurements.
1.2. Features
– programmable linear Hall effect sensor with ratio-
metric output and digital signal processing
– 12-bit analog output
– multiple programmable magnetic characteristics in a
non-volatile memory (EEPROM) with redundancy
and lock function
– open-circuit (ground and supply line break detec-
tion) with 10 k
Ω pull-up and pull-down resistor,
overvoltage and undervoltage detection
– for programming an individual sensor within several
sensors in parallel to the same supply voltage, a
selection can be done via the output pin
– temperature characteristics are programmable for
matching common magnetic materials
– programmable clamping function
– programming through a modulation of the supply
voltage
– operates from
−40 °C up to 140 °C junction temper-
ature
– operates from 4.5 V up to 5.5 V supply voltage in
specification and functions up to 8.5 V
– operates with static magnetic fields and dynamic
magnetic fields up to 1 kHz
– overvoltage and reverse-voltage protection at all
pins
– magnetic characteristics extremely robust against
mechanical stress
– short-circuit protected push-pull output
– EMC and ESD optimized design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com