Electronic Components Datasheet Search
  English  ▼

X  

HAL880 Datasheet(PDF) 11 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 11 Page - Micronas

Back Button HAL880 Datasheet HTML 7Page - Micronas HAL880 Datasheet HTML 8Page - Micronas HAL880 Datasheet HTML 9Page - Micronas HAL880 Datasheet HTML 10Page - Micronas HAL880 Datasheet HTML 11Page - Micronas HAL880 Datasheet HTML 12Page - Micronas HAL880 Datasheet HTML 13Page - Micronas HAL880 Datasheet HTML 14Page - Micronas HAL880 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DATA SHEET
HAL880
Micronas
Feb. 23, 2009; DSH000152_001EN
11
2.3. Calibration Procedure
2.3.1. General Procedure
For calibration in the system environment, the applica-
tion kit from Micronas is recommended. It contains the
hardware for the generation of the serial telegram for
programming (Programmer Board Version 5.1) and the
corresponding software (PC880) for the input of the
register values.
For the individual calibration of each sensor in the cus-
tomer application, a two-point adjustment is recom-
mended. The calibration has be done as follows:
Step 1: Input of the registers which need not be
adjusted individually
The magnetic circuit, the magnetic material with its
temperature characteristics, the filter frequency, the
output mode and the GP register value are given for
this application. Therefore, the values of the following
registers should be identical for all sensors of the
customer application.
–FILTER
(according to the maximum signal frequency)
–RANGE
(according to the maximum magnetic field at the
sensor position)
–OUTPUTMODE
– TC, TCSQ, and TC-RANGE
(depends on the material of the magnet and the
other temperature dependencies of the application)
–GP
(if the customer wants to store own production infor-
mation, it is not necessary to change this register)
As the clamping voltages are given, they have an influ-
ence on the D/A-readout value and therefore have to
be set after the adjustment process.
Write the appropriate settings into the HAL880
registers.
Step 2: Initialize DSP
As the D/A-READOUT register value depends on
the
settings
of
SENSITIVITY,
VOQ,
and
CLAMP-LOW/HIGH, these registers have first to be
initialized with defined values:
–VOQINITIAL = 2.5 V
– SensitivityINITIAL = 0.5
–Clamp-Low = 0 V
– Clamp-High = 4.999 V
Step 3: Define Calibration Points
The calibration points 1 and 2 can be set inside the
specified range. The corresponding values for VOUT1
and VOUT2 result from the application requirements.
For highest accuracy of the sensor, calibration points
near the minimum and maximum input signal are
recommended. The difference of the output voltage
between calibration point 1 and calibration point 2
should be more than 3.5 V.
Step 4: Calculation of VOQ and Sensitivity
Set the system to calibration point 1 and read the reg-
ister
D/A-READOUT.
The
result
is
the
value
D/A-READOUT1.
Now, set the system to calibration point 2, read the
register D/A-READOUT again, and get the value
D/A-READOUT2.
With these values, and the target values VOUT1 and
VOUT2, for the calibration points 1 and 2, respectively,
the values for Sensitivity and VOQ are calculated as:
This calculation has to be done individually for each
sensor.
Next, write the calculated values for Sensitivity and
VOQ into the IC for adjusting the sensor. At that time, it
is also possible to store the application specific values
for Clamp-Low and Clamp-High into the sensors
EEPROM.
Lowclampingvoltage
V
OUT1,2
Highclampingvoltage
≤≤
Sensitivity
1
2
---
Vout2
Vout1
–
()
D/A-Readout2
D/A-Readout1
–
-----------------------------------------------------------------------------------
×
16384
5
---------------
×
=
V
OQ
1
16
------
Vout2
16384
×
5
-------------------------------------
D/A-Readout28192
–
() Sensitivity
×
2
×
[]
–
×
5
1024
------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com