Electronic Components Datasheet Search
  English  ▼

X  

HAL880 Datasheet(PDF) 6 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 6 Page - Micronas

Back Button HAL880 Datasheet HTML 2Page - Micronas HAL880 Datasheet HTML 3Page - Micronas HAL880 Datasheet HTML 4Page - Micronas HAL880 Datasheet HTML 5Page - Micronas HAL880 Datasheet HTML 6Page - Micronas HAL880 Datasheet HTML 7Page - Micronas HAL880 Datasheet HTML 8Page - Micronas HAL880 Datasheet HTML 9Page - Micronas HAL880 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
HAL880
DATA SHEET
6
Feb. 23, 2009; DSH000152_001EN
Micronas
2. Functional Description
2.1. General Function
The HAL880 is a monolithic integrated circuit which
provides an output voltage proportional to the mag-
netic flux through the Hall plate and proportional to the
supply voltage (ratiometric behavior).
The external magnetic field component perpendicular
to the branded side of the package generates a Hall
voltage. The Hall IC is sensitive to magnetic north and
south polarity. This voltage is converted to a digital
value, processed in the Digital Signal processing Unit
(DSP) according to the settings of the EEPROM regis-
ters, converted to an analog voltage with ratiometric
behavior, and stabilized by a push-pull output transis-
tor stage. The function and the parameters for the DSP
are explained in Section 2.2. on page 8.
The setting of the LOCK register disables the program-
ming of the EEPROM memory for all time. This regis-
ter cannot be reset.
As long as the LOCK register is not set, the output
characteristic can be adjusted by programming the
EEPROM registers. The IC is addressed by modulat-
ing the supply voltage (see Fig. 2–1). In the supply
voltage range from 4.5 V up to 5.5 V, the sensor gen-
erates an analog output voltage. After detecting a
command, the sensor reads or writes the memory and
answers with a digital signal on the output pin. The
analog output is switched off during the communica-
tion. Several sensors in parallel to the same supply
and ground line can be programmed individually. The
selection of each sensor is done via its output pin.
The open-circuit detection provides a defined output
voltage if the VDD or GND line is broken. Internal tem-
perature compensation circuitry and the choppered off-
set compensation enables operation over the full tem-
perature range with minimal changes in accuracy and
high offset stability. The circuitry also rejects offset
shifts due to mechanical stress from the package. The
non-volatile memory consists of redundant and non-
redundant
EEPROM
cells.
The
non-redundant
EEPROM cells are only used to store production
information inside the sensor. In addition, the sensor
IC is equipped with devices for overvoltage and
reverse-voltage protection at all pins.
Fig. 2–1: Programming with VDD modulation
Fig. 2–2: HAL880 block diagram
5
6
7
8
HAL
880
VDD
GND
OUT
analog
digital
VDD
Internally
Temperature
Oscillator
Switched
Digital
D/A
Analog
GND
EEPROM Memory
Lock Control
stabilized
Supply and
Protection
Devices
Dependent
Bias
Protection
Devices
Hall Plate
Signal
Processing
Converter
Output
A/D
Converter
Open-circuit,
Overvoltage,
Undervoltage
Detection
Open-Circuit
Detection
OUT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com