Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 132 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 128Page - Texas Instruments AM1707 Datasheet HTML 129Page - Texas Instruments AM1707 Datasheet HTML 130Page - Texas Instruments AM1707 Datasheet HTML 131Page - Texas Instruments AM1707 Datasheet HTML 132Page - Texas Instruments AM1707 Datasheet HTML 133Page - Texas Instruments AM1707 Datasheet HTML 134Page - Texas Instruments AM1707 Datasheet HTML 135Page - Texas Instruments AM1707 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 198 page
background image
CTR=PRD
TBPRD shadow (16)
TBPRD active (16)
Counter
up/down
(16 bit)
TBCNT
active (16)
TBCTL[CNTLDE]
TBCTL[SWFSYNC]
(software forced sync)
EPWMSYNCI
CTR=ZERO
CTR_Dir
CTR=CMPB
Disabled
Sync
in/out
select
Mux
TBCTL[SYNCOSEL]
EPWMSYNCO
TBPHS active (24)
16
8
TBPHSHR (8)
Phase
control
Time−base (TB)
CTR=CMPA
CMPA active (24)
16
CMPA shadow (24)
Action
qualifier
(AQ)
8
16
Counter compare (CC)
CMPB active (16)
CTR=CMPB
CMPB shadow (16)
CMPAHR (8)
EPWMA
EPWMB
Dead
band
(DB)
(PC)
chopper
PWM
zone
(TZ)
Trip
CTR = ZERO
EPWMxA
EPWMxB
EPWMxTZINT
TZ
HiRes PWM (HRPWM)
CTR = PRD
CTR = ZERO
CTR = CMPB
CTR = CMPA
CTR_Dir
Event
trigger
and
interrupt
(ET)
EPWMxINT
CTR=ZERO
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Figure 6-45. eHRPWM Sub-Modules Showing Critical Internal Signal Interconnections
Table 6-76. eHRPWM Module Control and Status Registers Grouped by Submodule
eHRPWM0
eHRPWM1
eHRPWM2
SIZE
ACRONYM
SHADOW
REGISTER DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
BYTE ADDRESS
(×16)
TIME-BASE SUBMODULE REGISTERS
0x01F0 0000
0x01F0 2000
0x01F0 4000
TBCTL
1
No
Time-Base Control Register
0x01F0 0002
0x01F0 2002
0x01F0 4002
TBSTS
1
No
Time-Base Status Register
0x01F0 0004
0x01F0 2004
0x01F0 4004
TBPHSHR
1
No
Extension for HRPWM Phase Register (1)
0x01F0 0006
0x01F0 2006
0x01F0 4006
TBPHS
1
No
Time-Base Phase Register
0x01F0 0008
0x01F0 2008
0x01F0 4008
TBCNT
1
No
Time-Base Counter Register
0x01F0 000A
0x01F0 200A
0x01F0 400A
TBPRD
1
Yes
Time-Base Period Register
COUNTER-COMPARE SUBMODULE REGISTER
0x01F0 000E
0x01F0 200E
0x01F0 400E
CMPCTL
1
No
Counter-Compare Control Register
CMPAHR
1
No
Extension for HRPWM Counter-Compare
0x01F0 0010
0x01F0 2010
0x01F0 4010
A Register (1)
0x01F0 0012
0x01F0 2012
0x01F0 4012
CMPA
1
Yes
Counter-Compare A Register
0x01F0 0014
0x01F0 2014
0x01F0 4014
CMPB
1
Yes
Counter-Compare B Register
ACTION-QUALIFIER SUBMODULE REGISTER
(1)
These registers are only available on eHRPWM instances that include the high-resolution PWM (HRPWM) extension; otherwise, these
locations are reserved.
132
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com