Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1707 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 129Page - Texas Instruments AM1707 Datasheet HTML 130Page - Texas Instruments AM1707 Datasheet HTML 131Page - Texas Instruments AM1707 Datasheet HTML 132Page - Texas Instruments AM1707 Datasheet HTML 133Page - Texas Instruments AM1707 Datasheet HTML 134Page - Texas Instruments AM1707 Datasheet HTML 135Page - Texas Instruments AM1707 Datasheet HTML 136Page - Texas Instruments AM1707 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-76. eHRPWM Module Control and Status Registers Grouped by Submodule (continued)
eHRPWM0
eHRPWM1
eHRPWM2
SIZE
ACRONYM
SHADOW
REGISTER DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
BYTE ADDRESS
(×16)
AQCTLA
1
No
Action-Qualifier Control Register for
0x01F0 0016
0x01F0 2016
0x01F0 4016
Output A (eHRPWMxA)
AQCTLB
1
No
Action-Qualifier Control Register for
0x01F0 0018
0x01F0 2018
0x01F0 4018
Output B (eHRPWMxB)
0x01F0 001A
0x01F0 201A
0x01F0 401A
AQSFRC
1
No
Action-Qualifier Software Force Register
AQCSFRC
1
Yes
Action-Qualifier Continuous S/W Force
0x01F0 001C
0x01F0 201C
0x01F0 401C
Register Set
DEAD-BAND GENERATOR SUBMODULE REGISTER
0x01F0 001E
0x01F0 201E
0x01F0 401E
DBCTL
1
No
Dead-Band Generator Control Register
DBRED
1
No
Dead-Band Generator Rising Edge Delay
0x01F0 0020
0x01F0 2020
0x01F0 4020
Count Register
DBFED
1
No
Dead-Band Generator Falling Edge Delay
0x01F0 0022
0x01F0 2022
0x01F0 4022
Count Register
PWM-CHOPPER SUBMODULE REGISTER
0x01F0 003C
0x01F0 203C
0x01F0 403C
PCCTL
1
No
PWM-Chopper Control Register
TRIP-ZONE SUBMODULE REGISTER
0x01F0 0024
0x01F0 2024
0x01F0 4024
TZSEL
1
No
Trip-Zone Select Register
0x01F0 0028
0x01F0 2028
0x01F0 4028
TZCTL
1
No
Trip-Zone Control Register
0x01F0 002A
0x01F0 202A
0x01F0 402A
TZEINT
1
No
Trip-Zone Enable Interrupt Register
0x01F0 002C
0x01F0 202C
0x01F0 402C
TZFLG
1
No
Trip-Zone Flag Register
0x01F0 002E
0x01F0 202E
0x01F0 402E
TZCLR
1
No
Trip-Zone Clear Register
0x01F0 0030
0x01F0 2030
0x01F0 4030
TZFRC
1
No
Trip-Zone Force Register
EVENT-TRIGGER SUBMODULE REGISTER
0x01F0 0032
0x01F0 2032
0x01F0 4032
ETSEL
1
No
Event-Trigger Selection Register
0x01F0 0034
0x01F0 2034
0x01F0 4034
ETPS
1
No
Event-Trigger Pre-Scale Register
0x01F0 0036
0x01F0 2036
0x01F0 4036
ETFLG
1
No
Event-Trigger Flag Register
0x01F0 0038
0x01F0 2038
0x01F0 4038
ETCLR
1
No
Event-Trigger Clear Register
0x01F0 003A
0x01F0 203A
0x01F0 403A
ETFRC
1
No
Event-Trigger Force Register
HIGH-RESOLUTION PWM (HRPWM) SUBMODULE
0x01F0 1020
0x01F0 3020
0x01F0 5020
HRCNFG
1
No
HRPWM Configuration Register (2)
(2)
These registers are only available on eHRPWM instances that include the high-resolution PWM (HRPWM) extension; otherwise, these
locations are reserved.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
133
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com