| Electronic Components Datasheet Search |
|
AM1707 Datasheet(PDF) 152 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1707 Datasheet(HTML) 152 Page - Texas Instruments |
|
152 / 198 page ![]() Peripheral Configuration Bus Noise Filter Noise Filter Clock Prescaler I2CPSCx Prescaler Register Bit Clock Generator I2CCLKHx Clock Divide High Register I2CCLKLx Clock Divide Low Register Control I2CCOARx Own Address Register I2CSARx Slave Address Register I2CCMDRx Mode Register I2CEMDRx Extended Mode Register I2CCNTx Data Count Register I2CPID1 Peripheral ID Register 1 I2CPID2 Peripheral ID Register 2 Transmit I2CXSRx Transmit Shift Register I2CDXRx Transmit Buffer Receive I2CDRRx Receive Buffer I2CRSRx Receive Shift Register I2Cx_SCL I2Cx_SDA Control Interrupt/DMA I2CIERx Interrupt Enable Register I2CSTRx Interrupt Status Register I2CSRCx Interrupt Source Register Control I2CPFUNC Pin Function Register I2CPDIR Pin Direction Register I2CPDIN Pin Data In Register I2CPDOUT Pin Data Out Register I2CPDSET Pin Data Set Register I2CPDCLR Pin Data Clear Register Interrupt DMA Requests AM1707 SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com 6.24 Inter-Integrated Circuit Serial Ports (I2C0, I2C1) 6.24.1 I2C Device-Specific Information Having two I2C modules on the device simplifies system architecture. Figure 6-62 is block diagram of the I2C Module. Each I2C port supports: • Compatible with Philips® I2C Specification Revision 2.1 (January 2000) • Fast Mode up to 400 Kbps (no fail-safe I/O buffers) • Noise Filter to Remove Noise 50 ns or less • Seven- and Ten-Bit Device Addressing Modes • Master (Transmit/Receive) and Slave (Transmit/Receive) Functionality • Events: DMA, Interrupt, or Polling • General-Purpose I/O Capability if not used as I2C Figure 6-62. I2C Module Block Diagram 6.24.2 I2C Peripheral Registers Description(s) Table 6-88 is the list of the I2C registers. 152 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |