| Electronic Components Datasheet Search |
|
AM1707 Datasheet(PDF) 169 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1707 Datasheet(HTML) 169 Page - Texas Instruments |
|
169 / 198 page ![]() AM1707 www.ti.com SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 6.28 Host-Port Interface (UHPI) 6.28.1 HPI Device-Specific Information The device includes a user-configurable 16-bit Host-port interface (HPI16). 6.28.2 HPI Peripheral Register Description(s) Table 6-98. HPI Control Registers BYTE ACRONYM REGISTER DESCRIPTION COMMENTS ADDRESS 0x01E1 0000 PID Peripheral Identification Register HPI power and emulation management The CPU has read/write access to the 0x01E1 0004 PWREMU_MGMT register PWREMU_MGMT register. 0x01E1 0008 - Reserved 0x01E1 000C GPIO_EN General Purpose IO Enable Register 0x01E1 0010 GPIO_DIR1 General Purpose IO Direction Register 1 0x01E1 0014 GPIO_DAT1 General Purpose IO Data Register 1 0x01E1 0018 GPIO_DIR2 General Purpose IO Direction Register 2 0x01E1 001C GPIO_DAT2 General Purpose IO Data Register 2 0x01E1 0020 GPIO_DIR3 General Purpose IO Direction Register 3 0x01E1 0024 GPIO_DAT3 General Purpose IO Data Register 3 0x01E1 0028 - Reserved 0x01E1 002C - Reserved The Host and the CPU both have read/write access 0x01E1 0030 HPIC HPI control register to the HPIC register. HPIA HPI address register 0x01E1 0034 The Host has read/write access to the HPIA (HPIAW)(1) (Write) registers. The CPU has only read access to the HPIA HPI address register HPIA registers. 0x01E1 0038 (HPIAR)(1) (Read) 0x01E1 000C- - Reserved 0x01E1 07FF (1) There are two 32-bit HPIA registers: HPIAR for read operations and HPIAW for write operations. The HPI can be configured such that HPIAR and HPIAW act as a single 32-bit HPIA (single-HPIA mode) or as two separate 32-bit HPIAs (dual-HPIA mode) from the perspective of the Host. The CPU can access HPIAW and HPIAR independently. Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 169 Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |