Electronic Components Datasheet Search
  English  ▼

X  

OPA141 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA141
Description  Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA141 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA141 Datasheet HTML 5Page - Texas Instruments OPA141 Datasheet HTML 6Page - Texas Instruments OPA141 Datasheet HTML 7Page - Texas Instruments OPA141 Datasheet HTML 8Page - Texas Instruments OPA141 Datasheet HTML 9Page - Texas Instruments OPA141 Datasheet HTML 10Page - Texas Instruments OPA141 Datasheet HTML 11Page - Texas Instruments OPA141 Datasheet HTML 12Page - Texas Instruments OPA141 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Time(1s/div)
0.12
0.10
0.08
0.06
0.04
0.02
0
-50
-25
-75
0
25
50
75
100
125
150
Temperature( C)
°
0.001
0.0001
0.00001
-100
-
-
120
140
10
100
1k
10k 20k
Frequency(Hz)
G=+1
R =2k
L
W
G= -1
R =2k
L
W
V
=3V
BW=80kHz
OUT
RMS
0.1
Frequency(Hz)
100k
10
1
100
1k
10k
100
10
1
0.01
0.001
0.0001
0.00001
0.1
1
10
20
OutputAmplitude(V
)
RMS
-
-
-
80
100
120
140
-
BW=80kHz
1kHzSignal
G= 1,
-
R =2k
R =2k
L
L
W
W
G=+1,
2.5
2.0
1.5
1.0
0.5
0
-50
-25
-75
0
25
50
75
100
125
150
Temperature( C)
°
OPA141
OPA2141
OPA4141
www.ti.com
SBOS510B – MARCH 2010 – REVISED MAY 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
COMMON-MODE REJECTION RATIO vs TEMPERATURE
0.1Hz to 10Hz NOISE
Figure 8.
Figure 9.
INPUT VOLTAGE NOISE DENSITY vs FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 10.
Figure 11.
THD+N RATIO vs OUTPUT AMPLITUDE
QUIESCENT CURRENT vs TEMPERATURE
Figure 12.
Figure 13.
Copyright © 2010, Texas Instruments Incorporated
9
Product Folder Link(s): OPA141 OPA2141 OPA4141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com