Electronic Components Datasheet Search
  English  ▼

X  

OPA141 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA141
Description  Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA141 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA141 Datasheet HTML 8Page - Texas Instruments OPA141 Datasheet HTML 9Page - Texas Instruments OPA141 Datasheet HTML 10Page - Texas Instruments OPA141 Datasheet HTML 11Page - Texas Instruments OPA141 Datasheet HTML 12Page - Texas Instruments OPA141 Datasheet HTML 13Page - Texas Instruments OPA141 Datasheet HTML 14Page - Texas Instruments OPA141 Datasheet HTML 15Page - Texas Instruments OPA141 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Time(400ns/div)
G=+1
C =100pF
L
Time(400ns/div)
G= 1
C =100pF
-
L
60
50
40
30
20
10
0
I
,Source
I
,Sink
SC
SC
Short-circuitingcausesthermalshutdown;
see
section.
ApplicationsInformation
-50
-25
-75
0
25
50
75
100
125
150
Temperature( C)
°
35
30
25
20
15
10
5
0
10k
100k
1M
10M
Frequency(Hz)
V = 2.25V
S
±
V = 5V
S
±
V = 15V
S
±
Maximumoutput
voltagerange
withoutslew-rate
induceddistortion
-
-
-
-
-
-
-
80
90
100
110
120
130
140
10
Frequency(Hz)
100k
100
1k
10k
V = 15V
S
V
=3V
OUT
RMS
G=+1
±
R =2kW
L
R =600W
L
L
R =5kW
OPA141
OPA2141
OPA4141
SBOS510B – MARCH 2010 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
Figure 26.
Figure 27.
SHORT-CIRCUIT CURRENT vs TEMPERATURE
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Figure 28.
Figure 29.
CHANNEL SEPARATION vs FREQUENCY
Figure 30.
12
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA141 OPA2141 OPA4141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com