Electronic Components Datasheet Search
  English  ▼

X  

OPA141 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA141
Description  Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA141 Datasheet(HTML) 3 Page - Texas Instruments

  OPA141 Datasheet HTML 1Page - Texas Instruments OPA141 Datasheet HTML 2Page - Texas Instruments OPA141 Datasheet HTML 3Page - Texas Instruments OPA141 Datasheet HTML 4Page - Texas Instruments OPA141 Datasheet HTML 5Page - Texas Instruments OPA141 Datasheet HTML 6Page - Texas Instruments OPA141 Datasheet HTML 7Page - Texas Instruments OPA141 Datasheet HTML 8Page - Texas Instruments OPA141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
OPA141
OPA2141
OPA4141
www.ti.com
SBOS510B – MARCH 2010 – REVISED MAY 2010
THERMAL INFORMATION
OPA141,
OPA141,
OPA2141
OPA2141
THERMAL METRIC
UNITS
D (SO)
DGK (MSOP)(1)
8
8
qJA
Junction-to-ambient thermal resistance(2)
160
180
qJC(top)
Junction-to-case(top) thermal resistance(3)
75
55
qJB
Junction-to-board thermal resistance(4)
60
130
°C/W
yJT
Junction-to-top characterization parameter(5)
9
n/a
yJB
Junction-to-board characterization parameter(6)
50
120
qJC(bottom)
Junction-to-case(bottom) thermal resistance(7)
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
THERMAL INFORMATION
OPA4141
OPA4141
THERMAL METRIC
D (SO)
PW (TSSOP)(1)
UNITS
14
14
qJA
Junction-to-ambient thermal resistance(2)
97
135
qJC(top)
Junction-to-case(top) thermal resistance(3)
56
45
qJB
Junction-to-board thermal resistance(4)
53
66
°C/W
yJT
Junction-to-top characterization parameter(5)
19
n/a
yJB
Junction-to-board characterization parameter(6)
46
60
qJC(bottom)
Junction-to-case(bottom) thermal resistance(7)
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright © 2010, Texas Instruments Incorporated
3
Product Folder Link(s): OPA141 OPA2141 OPA4141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com