Electronic Components Datasheet Search
  English  ▼

X  

TPS22941 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22941
Description  LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22941 Datasheet(HTML) 4 Page - Texas Instruments

  TPS22941 Datasheet HTML 1Page - Texas Instruments TPS22941 Datasheet HTML 2Page - Texas Instruments TPS22941 Datasheet HTML 3Page - Texas Instruments TPS22941 Datasheet HTML 4Page - Texas Instruments TPS22941 Datasheet HTML 5Page - Texas Instruments TPS22941 Datasheet HTML 6Page - Texas Instruments TPS22941 Datasheet HTML 7Page - Texas Instruments TPS22941 Datasheet HTML 8Page - Texas Instruments TPS22941 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS22941, TPS22942, TPS22943, TPS22944, TPS22945
SLVS832C – NOVEMBER 2008 – REVISED NOVEMBER 2009
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
VI
Input voltage range
VIN, VOUT, ON
–0.3
6
V
TJ
Operating junction temperature range
–40
125
°C
Tstg
Storage temperature range
–65
150
°C
Human-Body Model (HBM)
4
ESD
Electrostatic discharge protection
kV
Charged-Device Model (CDM)
1
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL IMPEDANCE RATINGS
UNIT
θJA
Package thermal impedance(1)
DCK package
259
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage
1.62
5.5
V
VOUT
Output voltage
VIN
TA
Ambient free-air temperature
–40
85
°C
ELECTRICAL CHARACTERISTICS
VIN = 1.62 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN TYP(1) MAX
UNIT
IIN
Quiescent current
IOUT = 0 mA,
VIN = 1.62 V to 5.5 V
Full
40
80
μA
VON = 0 V (TPS22943/4/5)
VIN = 3.6 V,
IIN(OFF)
OFF-State supply current
or
Full
1
μA
VOUT open
VON = VIN (TPS22941/2)
VON = 0 V (TPS22943/4/5)
VIN = 3.6 V,
IOUT(LEAKAGE) OFF-State switch current
or
Full
1
μA
VOUT short to GND
VON = VIN (TPS22941/2)
25°C
0.4
0.5
VIN = 5.5 V
Full
0.6
25°C
0.5
0.6
VIN = 3.3 V
Full
0.7
25°C
0.6
0.7
rON
ON-state resistance
IOUT = 20 mA
VIN = 2.5 V
Ω
Full
0.8
25°C
0.8
0.9
VIN = 1.8 V
Full
1.1
25°C
0.9
1.1
VIN = 1.62 V
Full
1.2
ION
ON input leakage current
VON = VIN or GND
Full
1
μA
TPS22941/3
40
65
80
ILIM
Current limit
VIN = 3.3 V, VOUT = 3 V
Full
mA
TPS22942/4/5
100
150
200
Shutdown threshold
140
Thermal shutdown
Return from shutdown
Full
130
°C
Hysteresis
10
(1)
Typical values are at VIN = 3.3 V and TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22941 TPS22942 TPS22943 TPS22944 TPS22945



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com