Electronic Components Datasheet Search
  English  ▼

X  

TPS22941 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22941
Description  LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22941 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22941 Datasheet HTML 5Page - Texas Instruments TPS22941 Datasheet HTML 6Page - Texas Instruments TPS22941 Datasheet HTML 7Page - Texas Instruments TPS22941 Datasheet HTML 8Page - Texas Instruments TPS22941 Datasheet HTML 9Page - Texas Instruments TPS22941 Datasheet HTML 10Page - Texas Instruments TPS22941 Datasheet HTML 11Page - Texas Instruments TPS22941 Datasheet HTML 12Page - Texas Instruments TPS22941 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
–40
25
85
Junction Temperature, T (°C)
J
0
20
40
60
80
100
120
140
160
180
T = –40°C
A
T = 25°C
A
T = 85°C
A
0
0.5
1
1.5
2
2.5
3
3.5
V – V
(V)
IN
OUT
80
70
60
50
40
30
20
10
0
–40
25
85
80
75
70
65
60
Junction Temperature, T (°C)
J
–50
–35
–20
–5
10
25
40
55
70
85
100
Temperature (°C)
trise
tfall
0
10
20
30
40
50
60
70
80
90
C = 0.1 F
R = 350
L
L
m
V
= 3.3 V
IN
TPS22941, TPS22942, TPS22943, TPS22944, TPS22945
www.ti.com
SLVS832C – NOVEMBER 2008 – REVISED NOVEMBER 2009
TYPICAL PERFORMANCE (continued)
Figure 12. ILIM vs Temperature (TPS22942, TPS22944,
Figure 13. ILIM vs Output Voltage (TPS22941, TPS22943)
TPS22945)
Figure 14. ILIM vs Temperature (TPS22941, TPS22943)
Figure 15. trise/tfall
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS22941 TPS22942 TPS22943 TPS22944 TPS22945



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com