Electronic Components Datasheet Search
  English  ▼

X  

TPS22941 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22941
Description  LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22941 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22941 Datasheet HTML 6Page - Texas Instruments TPS22941 Datasheet HTML 7Page - Texas Instruments TPS22941 Datasheet HTML 8Page - Texas Instruments TPS22941 Datasheet HTML 9Page - Texas Instruments TPS22941 Datasheet HTML 10Page - Texas Instruments TPS22941 Datasheet HTML 11Page - Texas Instruments TPS22941 Datasheet HTML 12Page - Texas Instruments TPS22941 Datasheet HTML 13Page - Texas Instruments TPS22941 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
20
25
30
35
40
45
50
55
60
65
70
–50
–35
–20
–5
10
25
40
55
70
85
100
Temperature (°C)
C = 0.1 F
R = 350
L
L
m
V
= 3.3 V
IN
tOFF
tON
–40
–10
25
50
85
Temperature (°C)
10.5
11.0
11.5
12.0
12.5
13.0
13.5
2 ms/DIV
I
OUT
100 mA/DIV
V
OC
2 V/DIV
V
OUT
2 V/DIV
V
DRV
2 V/DIV
–40
–10
25
50
85
Temperature (°C)
40
50
60
70
80
90
100
TPS22941, TPS22942, TPS22943, TPS22944, TPS22945
SLVS832C – NOVEMBER 2008 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL PERFORMANCE (continued)
Figure 16. tON/tOFF
Figure 17. tBLANK vs Temperature (VIN = 3.3 V)
VDRV signal forces the device to go into over-current mode.
Figure 18. tRESTART vs Temperature (VIN = 3.3 V)
Figure 19. tBLANK Response
VDRV signal forces the device to go into over-current mode.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22941 TPS22942 TPS22943 TPS22944 TPS22945



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com