Electronic Components Datasheet Search
  English  ▼

X  

TPS22941 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22941
Description  LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22941 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS22941 Datasheet HTML 10Page - Texas Instruments TPS22941 Datasheet HTML 11Page - Texas Instruments TPS22941 Datasheet HTML 12Page - Texas Instruments TPS22941 Datasheet HTML 13Page - Texas Instruments TPS22941 Datasheet HTML 14Page - Texas Instruments TPS22941 Datasheet HTML 15Page - Texas Instruments TPS22941 Datasheet HTML 16Page - Texas Instruments TPS22941 Datasheet HTML 17Page - Texas Instruments TPS22941 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TPS22941, TPS22942, TPS22943, TPS22944, TPS22945
SLVS832C – NOVEMBER 2008 – REVISED NOVEMBER 2009
www.ti.com
Output Capacitor
A 0.1-
μF capacitor, COUT, should be placed between VOUT and GND. This capacitor will prevent parasitic board
inductances from forcing VOUT below GND when the switch turns off. For the TPS2294x, the total output
capacitance needs to be kept below a maximum value, COUT(max), to prevent the part from registering an
over-current condition and turning-off the switch. The maximum output capacitance can be determined from the
following formula, COUT = ILIM(MAX) x tBLANK(MIN) ÷ VIN
Due to the integral body diode in the PMOS switch, a CIN greater than COUT is highly recommended. A COUT
greater than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current
flow through the body diode from VOUT to VIN.
Power Dissipation
During normal operation as a switch, the power dissipation is small and has little effect on the operating
temperature of the part. The parts with the higher current limits will dissipate the most power and that will only
be,
P = (ILIM)
2 × r
ON = (0.2)
2 × 0.4 = 16 mW when V
IN= 5.5 V
If the part goes into current limit the maximum power dissipation will occur when the output is shorted to ground.
For TPS22941/2/5, the power dissipation scales by the auto-restart time (tRESTART) and the overcurrent blanking
time (tBLANK) so that the maximum power dissipated is:
P(max) = (tBLANK ÷ (tRESTART + tBLANK)) × (VIN(max)) × ILIM(max) = (10 ÷ (80 + 10) × 5.5 × 0.2 = 122 mW
When using the TPS22943 and TPS22944, a short on the output causes the part to operate in a constant current
state, dissipating a worst-case power as calculated above until the thermal shutdown activates. It then cycles in
and out of thermal shutdown so long as the ON pin is active and the short is present.
Board Layout
For best performance, all traces should be as short as possible. To be most effective, the input and output
capacitors should be placed close to the device to minimize the effects that parasitic trace inductances may have
on normal and short-circuit operation. Using wide traces for VIN, VOUT, and GND will help minimize parasitic
electrical effects along with minimizing the case to ambient thermal impedance.
14
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22941 TPS22942 TPS22943 TPS22944 TPS22945



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com