Electronic Components Datasheet Search
  English  ▼

X  

EP7312 Datasheet(PDF) 11 Page - Cirrus Logic

Part # EP7312
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button EP7312 Datasheet HTML 7Page - Cirrus Logic EP7312 Datasheet HTML 8Page - Cirrus Logic EP7312 Datasheet HTML 9Page - Cirrus Logic EP7312 Datasheet HTML 10Page - Cirrus Logic EP7312 Datasheet HTML 11Page - Cirrus Logic EP7312 Datasheet HTML 12Page - Cirrus Logic EP7312 Datasheet HTML 13Page - Cirrus Logic EP7312 Datasheet HTML 14Page - Cirrus Logic EP7312 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
DS508F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
11
EP7312
High-Performance, Low-Power System on Chip
Pin Multiplexing
Table 18 shows the pin multiplexing of the DAI, SSI2 and the
CODEC. The selection between SSI2 and the CODEC is
controlled by the state of the SERSEL bit in SYSCON2. The
choice between the SSI2, CODEC, and the DAI is controlled
by the DAISEL bit in SYSCON3 (see the EP7312 User’s
Manual for more information).
Table 19 shows the pins that have been multiplexed in the
EP7312.
Table 18. DAI/SSI2/CODEC Pin Multiplexing
Pin
Mnemonic
I/O
DAI
SSI2
CODEC
SSICLK
I/O
SCLK
SSICLK
PCMCLK
SSITXDA
O
SDOUT
SSITXDA
PCMOUT
SSIRXDA
I
SDIN
SSIRXDA
PCMIN
SSITXFR
I/O
LRCK
SSITXFR
PCMSYNC
SSIRXFR
I
MCLKIN
SSIRXFR
p/u
BUZ
O
MCLKOUT
Table 19. Pin Multiplexing
Signal
Block
Signal
Block
nMOE
Static Memory
nSDCAS
SDRAM
nMWE
Static Memory
nSDWE
SDRAM
WRITE
Static Memory
nSDRAS
SDRAM
A[27:15]
Static Memory
DRA[0:12]
SDRAM
A[14:13]
Static Memory
DRA[13:14]
SDRAM
PD[7:6]
GPIO
SDQM[1:0]
SDRAM
RUN
System
Configuration
CLKEN
System
Configuration
nMEDCHG
Interrupt
Controller
nBROM
Boot ROM
select
PD[0]
GPIO
LEDFLSH
LED Flasher
PE[1:0]
GPIO
BOOTSEL[1:0]
System
Configuration
PE[2]
GPIO
CLKSEL
System
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com