Electronic Components Datasheet Search
  English  ▼

X  

EP7312 Datasheet(PDF) 13 Page - Cirrus Logic

Part # EP7312
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button EP7312 Datasheet HTML 9Page - Cirrus Logic EP7312 Datasheet HTML 10Page - Cirrus Logic EP7312 Datasheet HTML 11Page - Cirrus Logic EP7312 Datasheet HTML 12Page - Cirrus Logic EP7312 Datasheet HTML 13Page - Cirrus Logic EP7312 Datasheet HTML 14Page - Cirrus Logic EP7312 Datasheet HTML 15Page - Cirrus Logic EP7312 Datasheet HTML 16Page - Cirrus Logic EP7312 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
DS508F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
13
EP7312
High-Performance, Low-Power System on Chip
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
DC Characteristics
All characteristics are specified at VDDCORE = 2.5 V, VDDIO = 3.3 V and VSS = 0 V over an operating temperature of 0°C to +70°C
for all frequencies of operation. The current consumption figures have test conditions specified per parameter.”
DC Core, PLL, and RTC Supply Voltage
2.9 V
DC I/O Supply Voltage (Pad Ring)
3.6 V
DC Pad Input Current
±10 mA/pin; ±100 mA cumulative
Storage Temperature, No Power
–40
°C to +125°C
DC core, PLL, and RTC Supply Voltage
2.5 V
± 0.2 V
DC I/O Supply Voltage (Pad Ring)
2.3 V - 3.5 V
DC Input / Output Voltage
O–I/O supply voltage
Operating Temperature
Extended -20
°C to +70°C; Commercial 0°C to +70°C;
Industrial -40
°C to +85°C
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VIH
CMOS input high voltage
0.65
× VDDIO
-
VDDIO + 0.3
V
VDDIO = 2.5 V
VIL
CMOS input low voltage
VSS − 0.3
-
0.25
× VDDIO
V
VDDIO = 2.5 V
VT+
Schmitt trigger positive going
threshold
--
2.1
V
VT-
Schmitt trigger negative going
threshold
0.8
-
-
V
Vhst
Schmitt trigger hysteresis
0.1
-
0.4
V
VIL to VIH
VOH
CMOS output high voltagea
Output drive 1a
Output drive 2a
VDD – 0.2
2.5
2.5
-
-
-
-
-
-
V
V
V
IOH = 0.1 mA
IOH = 4 mA
IOH = 12 mA
VOL
CMOS output low voltagea
Output drive 1a
Output drive 2a
-
-
-
-
-
-
0.3
0.5
0.5
V
V
V
IOL = –0.1 mA
IOL = –4 mA
IOL = –12 mA
IIN
Input leakage current
-
-
1.0
µA
VIN = VDD or GND
IOZ
Bidirectional 3-state leakage
currentb c
25
-
100
µA
VOUT = VDD or GND
CIN
Input capacitance
8
-
10.0
pF
COUT
Output capacitance
8
-
10.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com