Electronic Components Datasheet Search
  English  ▼

X  

EP7312 Datasheet(PDF) 21 Page - Cirrus Logic

Part # EP7312
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button EP7312 Datasheet HTML 17Page - Cirrus Logic EP7312 Datasheet HTML 18Page - Cirrus Logic EP7312 Datasheet HTML 19Page - Cirrus Logic EP7312 Datasheet HTML 20Page - Cirrus Logic EP7312 Datasheet HTML 21Page - Cirrus Logic EP7312 Datasheet HTML 22Page - Cirrus Logic EP7312 Datasheet HTML 23Page - Cirrus Logic EP7312 Datasheet HTML 24Page - Cirrus Logic EP7312 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
DS508F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
21
EP7312
High-Performance, Low-Power System on Chip
Static Memory
Figure 7 through Figure 10 define the timings associated with all phases of the Static Memory. The following table contains the
values for the timings of each of the Static Memory modes.
Parameter
Symbol
Min
Typ
Max
Unit
EXPCLK rising edge to nCS assert delay time
tCSd
2
8
20
ns
EXPCLK falling edge to nCS deassert hold time
tCSh
2
7
20
ns
EXPCLK rising edge to A assert delay time
tAd
4
9
16
ns
EXPCLK falling edge to A deassert hold time
tAh
310
19
ns
EXPCLK rising edge to nMWE assert delay time
tMWd
3
6
10
ns
EXPCLK rising edge to nMWE deassert hold time
tMWh
3
6
10
ns
EXPCLK falling edge to nMOE assert delay time
tMOEd
3
7
10
ns
EXPCLK falling edge to nMOE deassert hold time
tMOEh
2
7
10
ns
EXPCLK falling edge to HALFWORD deassert delay time
tHWd
2
8
20
ns
EXPCLK falling edge to WORD assert delay time
tWDd
2
8
16
ns
EXPCLK rising edge to data valid delay time
tDv
813
21
ns
EXPCLK falling edge to data invalid delay time
tDnv
615
30
ns
Data setup to EXPCLK falling edge time
tDs
--
1
ns
EXPCLK falling edge to data hold time
tDh
--
3
ns
EXPCLK rising edge to WRITE assert delay time
tWRd
511
23
ns
EXPREADY setup to EXPCLK falling edge time
tEXs
--
0
ns
EXPCLK falling edge to EXPREADY hold time
tEXh
--
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com