Electronic Components Datasheet Search
  English  ▼

X  

EP7312 Datasheet(PDF) 2 Page - Cirrus Logic

Part # EP7312
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312 Datasheet(HTML) 2 Page - Cirrus Logic

  EP7312 Datasheet HTML 1Page - Cirrus Logic EP7312 Datasheet HTML 2Page - Cirrus Logic EP7312 Datasheet HTML 3Page - Cirrus Logic EP7312 Datasheet HTML 4Page - Cirrus Logic EP7312 Datasheet HTML 5Page - Cirrus Logic EP7312 Datasheet HTML 6Page - Cirrus Logic EP7312 Datasheet HTML 7Page - Cirrus Logic EP7312 Datasheet HTML 8Page - Cirrus Logic EP7312 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
DS508F1
EP7312
High-Performance, Low-Power System on Chip
FEATURES (cont)
❑ 48 KBytes of On-chip SRAM
❑ MaverickKey™ IDs
— 32-bit unique ID can be used for DRM-compliant 128-
bit random ID.
❑ Available in 74 and 90 MHz clock speeds.
❑ LCD controller
— Interfaces directly to a single-scan panel monochrome
STN LCD.
— Interfaces to a single-scan panel color STN LCD with
minimal external glue logic.
❑ Full JTAG Boundary Scan and Embedded ICE® Support
❑ Integrated Peripheral Interfaces
— 32-bit SDRAM Interface, Up to 2 External Banks
— 8/32/16-bit SRAM/FLASH/ROM Interface
— Digital Audio Interface provides glueless interface to
low-power DACs, ADCs, and CODECs.
— Two Synchronous Serial Interfaces (SSI1, SSI2)
— CODEC Sound Interface
—8
×8 Keypad Scanner
— 27 General-purpose Input/Output Pins
— Dedicated LED Flasher Pin from the RTC
❑ Internal Peripherals
— Two 16550-compatible UARTs
— IrDA Interface
— Two PWM Interfaces
— Real-time Clock
— Two General-purpose 16-bit Timers
— Interrupt Controller
— Boot ROM
❑ Package
—208-Pin LQFP
—256-Ball PBGA
—204-Ball TFBGA
❑ The fully static EP7312 is optimized for low power
dissipation and is fabricated using a 0.25 micron CMOS
process.
OVERVIEW (cont.)
The EP7312 is designed for ultra-low-power operation. Its core
operates at only 2.5 V, while its I/O has an operation range of
2.5 V–3.3 V. The device has three basic power states:
operating, idle and standby.
MaverickKey unique hardware programmed IDs are a solution
to the growing concern over secure web content and
commerce. With Internet security playing an important role in
the delivery of digital media such as books or music,
traditional software methods are quickly becoming unreliable.
The MaverickKey unique IDs provide OEMs with a method of
utilizing specific hardware IDs such as those assigned for
SDMI (Secure Digital Music Initiative) or any other
authentication mechanism.
The EP7312 integrates an interface to enable a direct
connection to many low cost, low power, high quality audio
converters. In particular, high quality ADCs, DACs, or
CODECs such as the Cirrus Logic CS53L32A, CS43L42, and
CS42L50 are easily added to an EP73xx design via the DAI.
Some of these devices feature digital bass and treble boost,
digital volume control and compressor-limiter functions.
Simply by adding desired memory and peripherals to the
highly integrated EP7312 completes a low-power system
solution. All necessary interface logic is integrated on-chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com