Electronic Components Datasheet Search
  English  ▼

X  

CS49312 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS49312
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49312 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS49312 Datasheet HTML 44Page - Cirrus Logic CS49312 Datasheet HTML 45Page - Cirrus Logic CS49312 Datasheet HTML 46Page - Cirrus Logic CS49312 Datasheet HTML 47Page - Cirrus Logic CS49312 Datasheet HTML 48Page - Cirrus Logic CS49312 Datasheet HTML 49Page - Cirrus Logic CS49312 Datasheet HTML 50Page - Cirrus Logic CS49312 Datasheet HTML 51Page - Cirrus Logic CS49312 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
CS49300 Family DSP
48
DS339F7
CMPDATA:
A[1:0]==11b.
The host indicates that this is a write cycle
by driving the R/W pin low.
2) The host initiates a write cycle by driving the
CS and DS pins low.
3) The host drives the data byte to the DATA[7:0]
pins of the CS493XX.
4) Once the setup time for the write has been met,
the host ends the write cycle by driving the CS
and DS pins high.
6.2.2.2. Reading a Byte in Motorola Mode
The flow diagram shown in Figure 27 illustrates the
sequence of events that define a one-byte read in
Motorola mode. The protocol presented Figure 27
will now be described in detail.
1) The host must drive the A1 and A0 register
address pins of the CS493XX with the address
of the desired Parallel I/O Register. Note that
only the Host Message register and the Host
Control register can be read.
Host Message:
A[1:0]==00b.
Host Control:
A[1:0]==01b.
The host indicates that this is a read cycle
by driving the R/W pin high.
2) The host initiates the read cycle by driving the
CS and DS pins low.
3) Once the data is valid, the host can read the
value of the selected register from the
DATA[7:0] pins of the CS493XX.
4) The host should now terminate the read cycle
by driving the CS and DS pins high.
6.2.3. Procedures for Parallel Host
Mode Communication
6.2.3.1. Control Write in a Parallel Host
Mode
When writing control data to the CS493XX, the
same protocol is used whether the host is writing a
control message or an entire executable download
image. Messages sent to the CS493XX should be
written
most
significant
byte
first.
Likewise,
downloads of the application code should also be
performed most significant byte first.
The example shown in this section can be
generalized to fit any control write situation. The
generic function ‘Read_Byte_*()’ is used in the
following example as a generalized reference to
Figure 26. Motorola Mode, One-Byte Write Flow
Diagram
R/W (LOW)
CS (LOW)
WRITE BYTE TO
CS (HIGH)
DS (LOW)
ADDRESS A PARALLEL I/O REGISTER
DATA [7:0]
DS (HIGH)
(A[1:0] SET APPROPRIATELY
Figure 27. Motorola Mode, One-Byte Read Flow
Diagram
R/W (HIGH)
CS (LOW)
READ BYTE FROM
CS (HIGH)
ADDRESS A PARALLEL I/O REGISTER
DATA [7:0]
DS (HIGH)
(A[1:0] SET APPROPRIATELY
DS (LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com