Electronic Components Datasheet Search
  English  ▼

X  

CS49312 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS49312
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49312 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS49312 Datasheet HTML 56Page - Cirrus Logic CS49312 Datasheet HTML 57Page - Cirrus Logic CS49312 Datasheet HTML 58Page - Cirrus Logic CS49312 Datasheet HTML 59Page - Cirrus Logic CS49312 Datasheet HTML 60Page - Cirrus Logic CS49312 Datasheet HTML 61Page - Cirrus Logic CS49312 Datasheet HTML 62Page - Cirrus Logic CS49312 Datasheet HTML 63Page - Cirrus Logic CS49312 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
CS49300 Family DSP
60
DS339F7
more detailed description of the different hardware
configurations can be found in Section 11,
“Hardware Configuration” on page 74.
The software configuration messages are specific
to each application. The software user’s guides
(AN163, AN163x, AN162, AN162x) for each
application code provides a list of all pertinent
configuration messages. Writing the KICKSTART
message to the CS493XX begins the audio
decode process. The KICKSTART message will
also be described in the user’s guide for each
application. Until the KICKSTART has been sent,
the decoder is in a wait state.
8.2.1. Autoboot INTREQ Behavior
It is important to note that ABOOT and INTREQ
are multiplexed on pin 20 of the CS493XX.
Because this pin serves as an input before reset,
and an output after reset, the host should release
the ABOOT line after RESET has gone high. As
shown in Figure 37, "Autoboot INTREQ Behavior"
on page 60, the host must drive ABOOT low
around the rising edge of RESET.
After the host has released the ABOOT line, it will
remain high while the DSP prepares to load code
from the external memory. INTREQ should be
ignored during download, i.e. interrupts should be
masked on the host. The download time will vary
according to the size of the download image and
the frequency of the main DSP clock. The autoboot
sequence is specified to complete within 200 ms
(from the rising edge of RESET). Note: This time
has been tested using the ac3_493263_13.ld
application
code
release,
however
other
application code releases MAY take longer than
200mS as they have may an increased image size
and may take longer to initialize all of the internal
state variables. It is up to the designer to verify the
actual times required for each application code in
their system.
RESET
ABOOT
Trstsu
Trsthld
Driven Low by Host
Driven Low by CS492X
Download in Progress
Figure 37. Autoboot INTREQ Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com