Electronic Components Datasheet Search
  English  ▼

X  

CS49312 Datasheet(PDF) 87 Page - Cirrus Logic

Part # CS49312
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49312 Datasheet(HTML) 87 Page - Cirrus Logic

Back Button CS49312 Datasheet HTML 82Page - Cirrus Logic CS49312 Datasheet HTML 83Page - Cirrus Logic CS49312 Datasheet HTML 84Page - Cirrus Logic CS49312 Datasheet HTML 85Page - Cirrus Logic CS49312 Datasheet HTML 86Page - Cirrus Logic CS49312 Datasheet HTML 87Page - Cirrus Logic CS49312 Datasheet HTML 88Page - Cirrus Logic CS49312 Datasheet HTML 89Page - Cirrus Logic CS49312 Datasheet HTML 90Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
CS49300 Family DSP
DS339F7
87
13. ORDERING INFORMATION
Base Part Number
(6th digit = ROM ID)
Grades and Temperature Ranges
Package
Pb-free Option
“Z” Suffix
C
(Consumer)
0
° to 70°C
I
(Industrial)
-40
° to 85°C
D
(Automotive)
-40
° to 85°C
CS493122
CS493122-CL
44-pin PLCC
CS493122-CLZ
CS493292
CS493292-CL
CS493292-IL
CS493292-CLZ
CS493302
CS493302-CL
CS493302-IL
CS493302-CLZ or -ILZ
CS493253
CS493253-CL
CS493253-CLZ
CS493263
CS493263-CL
CS493263-IL
CS493263-DL
(Pb-free Only)
CS493263-CLZ or -ILZ or -DLZ
CS493254
CS493254-CL
CS493254-IL
CS493254-CLZ
CS493264
CS493264-CL
CS493264-IL
CS493264-CLZ
CS493005
CS493005-CL
CS493005-CLZ
CS493105
CS493105-CL
CS493105-CLZ
CS493115
CS493115-CL
CS493115-CLZ
CS493295
CS493295-CL
CS493295-CLZ
CS493105-CLZ
EFBAJXAB0325
Device Revison Level
12-Character Pack Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com