Electronic Components Datasheet Search
  English  ▼

X  

CS49312 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS49312
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49312 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS49312 Datasheet HTML 73Page - Cirrus Logic CS49312 Datasheet HTML 74Page - Cirrus Logic CS49312 Datasheet HTML 75Page - Cirrus Logic CS49312 Datasheet HTML 76Page - Cirrus Logic CS49312 Datasheet HTML 77Page - Cirrus Logic CS49312 Datasheet HTML 78Page - Cirrus Logic CS49312 Datasheet HTML 79Page - Cirrus Logic CS49312 Datasheet HTML 80Page - Cirrus Logic CS49312 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
CS49300 Family DSP
DS339F7
77
11.2.1. Input Configuration
Considerations
1) 24-bit PCM input requires at least 24 SCLKS
per sub-frame. The DSP always uses 24-bit
resolution for PCM input. Systems having less
than 24-bit resolution will not have a problem
as the extra bits taken by the DSP will be under
the noise floor of the input signal for left justified
and I2S formats. For compressed input, data is
always taken in 16 bit word lengths.
2) If the clocks to the audio ports are known to be
corrupted, such as when a S/PDIF receiver
goes out of lock, the DSP should undergo an
application restart (if applicable), soft reset or
hard reset. All three actions will result in the
input FIFO being reset. Failure to do so may
result in corrupted data being latched into the
input FIFO and may result in corrupted data
being heard on the outputs. This is not an issue
when compressed data is being delivered, as it
has sync words embedded in the stream which
the DSP can lock to, but only when PCM data
is being delivered. Certain application codes
that are capable of processing PCM may now
have
a
special
feature
called
“PCM
Robustness” which does alleviate the above
problem, however you should still follow the
above recommendation.
84
PCM - Left Justified 24-bit
Multichannel PCM (4 Channel)
- Left Justified 20-bit
(used only by special post-processing
application codes)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0028C0
0x80011A
0x0018C0
C Value
SCLK Polarity (Both CDI &
DAI Port)
Hex
Message
0
(default)
Data Clocked in on Rising
Edge
0x800217
0xFFFFDF
0x80021A
0xFFFFDF
1
Data Clocked in on Falling
Edge
0x800117
0x000020
0x80011A
0x000020
Table 20. Input SCLK Polarity Configuration
(Input Parameter C)
B Value
Data Format
Hex
Message
Table 19. Input Data Format Configuration
(Input Parameter B) (Continued)
D Value
FIFO Size & Blocksize (no
default - only applicable to
parallel delivery modes)
Hex
Message
1
Compressed FIFO B Size -
6kbyte
Blocksize - up to 2kbyte
0x800014
0x280D00
2
PCM FIFO C Size - 6kbyte
Blocksize - up to 2kbyte
0x800014
0x820300
Table 21. Input FIFO Setup Configuration
(Input Parameter D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com