Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 1 Page - Texas Instruments

  OPA378 Datasheet HTML 1Page - Texas Instruments OPA378 Datasheet HTML 2Page - Texas Instruments OPA378 Datasheet HTML 3Page - Texas Instruments OPA378 Datasheet HTML 4Page - Texas Instruments OPA378 Datasheet HTML 5Page - Texas Instruments OPA378 Datasheet HTML 6Page - Texas Instruments OPA378 Datasheet HTML 7Page - Texas Instruments OPA378 Datasheet HTML 8Page - Texas Instruments OPA378 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Time(1s/div)
Time(1s/div)
0.1HzTO10HzNOISE
Frequency(Hz)
NOISESPECTRALDENSITYvsFREQUENCY
1
Frequency(Hz)
10
100
1k
10k
1k
100
10
1
CurrentNoise
VoltageNoise
ContinueswithNo1/f(flicker)Noise
OPA378
OPA2378
www.ti.com
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
Low-Noise, 900kHz, RRIO,
Precision OPERATIONAL AMPLIFIER
Zerø-Drift Series
Check for Samples: OPA378 OPA2378
1
FEATURES
DESCRIPTION
23
•
LOW NOISE
The
OPA378
and
OPA2378
represent
a
new
generation of Zerø-Drift, microPOWER™ operational
–
0.4
μVPP, 0.1Hz to 10Hz
amplifiers that use a proprietary auto-calibration
–
20nV/
√Hz at 1kHz
technique to provide minimal input offset voltage
•
ZERØ-DRIFT SERIES
(20
μV) and offset voltage drift (0.1μV/°C). The
–
LOW OFFSET VOLTAGE: 20
μV
combination of low input voltage noise, high gain
bandwidth (900kHz), and low power (150
μA max)
–
LOW OFFSET DRIFT: 0.1
μV/°C
enable
these
devices
to
achieve
optimum
•
QUIESCENT CURRENT: 125
μA
performance for low-power precision applications. In
•
GAIN BANDWIDTH: 900kHz
addition, the excellent PSRR performance, coupled
with a wide input supply range of 2.2V to 5.5V and
•
RAIL-TO-RAIL INPUT/OUTPUT
rail-to-rail input and output, makes it an outstanding
•
EMI FILTERING
choice for single-supply applications that run directly
•
SUPPLY VOLTAGE: 2.2V to 5.5V
from batteries without regulation.
•
microSIZE PACKAGES: SC70 and SOT23
The OPA378 (single version) is available in both a
microSIZE SC70-5 and a SOT23-5 package. The
APPLICATIONS
OPA2378 (dual version) is offered in a SOT23-8
package. All versions are specified for operation from
•
PORTABLE MEDICAL DEVICES
–40°C to +125°C.
–
GLUCOSE METERS
–
OXYGEN METERING
–
HEART RATE MONITORS
•
WEIGH SCALES
•
BATTERY-POWERED INSTRUMENTS
•
THERMOPILE MODULES
•
HANDHELD TEST EQUIPMENT
•
SENSOR SIGNAL CONDITIONING
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
microPOWER is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA378

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378 Datasheet
980Kb / 24P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI1-OPA378 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA378 TI1-OPA378 Datasheet
1Mb / 26P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA378 TI2-OPA378 Datasheet
899Kb / 31P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zerø-Drift Series
REVISED OCTOBER 2009
More results

Similar Description - OPA378

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378_1 Datasheet
980Kb / 24P
Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA378 TI-OPA378_15 Datasheet
1Mb / 29P
Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com