Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 3 Page - Texas Instruments

  OPA378 Datasheet HTML 1Page - Texas Instruments OPA378 Datasheet HTML 2Page - Texas Instruments OPA378 Datasheet HTML 3Page - Texas Instruments OPA378 Datasheet HTML 4Page - Texas Instruments OPA378 Datasheet HTML 5Page - Texas Instruments OPA378 Datasheet HTML 6Page - Texas Instruments OPA378 Datasheet HTML 7Page - Texas Instruments OPA378 Datasheet HTML 8Page - Texas Instruments OPA378 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
OPA378
OPA2378
www.ti.com
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS: VS = +2.2V to +5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OPA378, OPA2378
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage, OPA378
VOS
VCM = V–
20
50
μV
vs Temperature
dVOS/dT
0.1
0.25
μV/°C
Input Offset Voltage, OPA2378
20
70
µV
vs Temperature
dVOS/dT
-40°C to +125°C
0.25
0.4
µV/°C
–40°C to +85°C
0.15
0.25
µV/°C
vs Power Supply, OPA378
PSRR
VCM = 0V, VS = +2.2V to +5.5V
1.5
5
μV/V
over Temperature
VCM = 0V, VS = +2.2V to +5.5V
3
8
μV/V
vs Power Supply, OPA2378
VCM = 0V, VS = +2.2V to +5.5V
10
μV/V
over Temperature
VCM = 0V, VS = +2.2V to +5.5V
3
13
μV/V
Channel Separation (Dual Version)
At dc
135
dB
INPUT BIAS CURRENT
Input Bias Current, OPA378
IB
±150
±550
pA
Input Bias Current, OPA2378
±150
±670
pA
over Temperature, OPA378 and OPA2378
±2
nA
Input Offset Current, OPA378
IOS
±0.3
±1.1
nA
Input Offset Current, OPA2378
±0.3
±1.34
nA
NOISE
Input Voltage Noise
en
f = 0.1Hz to 10Hz, VS = +5.5V
0.4
μVPP
Input Voltage Noise Density
en
f = 1kHz
20
nV/
√Hz
Input Current Noise
in
f = 10Hz
200
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.05
(V+) + 0.05
V
Common-Mode Rejection Ratio
CMRR
(V–) – 0.05V < VCM < (V+) + 0.05V, VS = 5.5V
100
112
dB
(V–) – 0.05V < VCM < (V+) + 0.05V, VS = 2.2V
94
106
dB
over Temperature
(V–) – 0.05V < VCM < (V+) + 0.05V, VS = 5.5V
96
dB
(V–) – 0.05V < VCM < (V+) + 0.05V, VS = 2.2V
90
dB
INPUT CAPACITANCE
Differential
CIN
4
pF
Common-Mode
5
pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
50mV < VO < (V+) – 50mV, RL = 100kΩ
110
134
dB
100mV < VO < (V+) – 100mV, RL = 10kΩ
110
130
dB
over Temperature
100mV < VO < (V+) – 100mV, RL = 10kΩ
106
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
900
kHz
Slew Rate
SR
G = +1
0.4
V/
μs
Settling Time 0.1%
tS
VS = 5.5V, 2V Step, G = +1
7
μs
Settling Time 0.01%
tS
VS = 5.5V, 2V Step, G = +1
9
μs
Overload Recovery Time
VIN × Gain > VS
4
μs
THD + Noise
THD + N
VS = 5V, VO = 3VPP, G = +1, f = 1kHz
0.003
%
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com