Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA378 Datasheet HTML 6Page - Texas Instruments OPA378 Datasheet HTML 7Page - Texas Instruments OPA378 Datasheet HTML 8Page - Texas Instruments OPA378 Datasheet HTML 9Page - Texas Instruments OPA378 Datasheet HTML 10Page - Texas Instruments OPA378 Datasheet HTML 11Page - Texas Instruments OPA378 Datasheet HTML 12Page - Texas Instruments OPA378 Datasheet HTML 13Page - Texas Instruments OPA378 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
-
3.0
V
(V)
CM
-
2.0
-
2.5
-
1.5 -1.0 -0.5
2.0
50
40
30
20
10
0
10
20
30
40
50
-
-
-
-
-
0
0.5 1.0 1.5
2.5 3.0
V = 2.75V
10TypicalUnitsShown
±
S
5kW
OPA378
10mAmax
+5V
V
IN
V
OUT
I
OVERLOAD
Current-limitingresistor
requiredifinputvoltage
exceedssupplyrailsby
³
0.5V.
OPA378
OPA2378
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
www.ti.com
APPLICATIONS INFORMATION
The OPA378 and OPA2378 are unity-gain stable,
precision operational amplifiers that are free from
phase reversal. The use of proprietary Zerø-Drift
circuitry gives the benefit of low input offset voltage
over time and temperature as well as lowering the 1/f
noise
component.
This
design
provides
the
optimization of gain, noise, and power, making the
OPA378 series one of the best performers in this
bandwidth range. As a result of the high PSRR, this
device works well in applications that run directly from
battery power without regulation. They are optimized
for
low-voltage,
single-supply
operation.
These
miniature,
high-precision,
low
quiescent
current
amplifiers offer high-impedance inputs that have a
common-mode range 100mV beyond the supplies,
excellent CMRR, and a rail-to-rail output that swings
within 10mV of the supplies. This design results in
Figure 26. Offset Voltage versus Common-Mode
superior performance for driving analog-to-digital
Voltage
converters (ADCs) without degradation of differential
linearity.
Normally, input bias current is about 150pA; however,
input voltages exceeding the power supplies can
OPERATING VOLTAGE
cause excessive current to flow into or out of the
input pins. Momentary voltages greater than the
The OPA378 and OPA2378 can be used with single
power supply can be tolerated if the input current is
or dual supplies from an operating range of VS =
limited to 10mA. This limitation is easily accomplished
+2.2V (±1.1V) and up to VS = +5.5V (±2.75V). This
with an input resistor, as Figure 27 shows.
device does not require symmetrical supplies, only a
differential
supply
voltage
of
2.2V
to
5.5V.
A
power-supply rejection ratio of 1.5
μV/V (typical)
ensures that the device functions with an unregulated
battery source. Supply voltages higher than +7V can
permanently damage the device; see the Absolute
Maximum Ratings table. Key parameters are assured
over the specified temperature range, TA = –40°C to
+125°C. Parameters that vary over the supply voltage
or temperature range are shown in the Typical
Characteristics section of this data sheet.
INPUT VOLTAGE
Figure 27. Input Current Protection
The OPA378 and OPA2378 input common-mode
voltage range extends 0.05V beyond the supply rails.
The OPA378 achieves a common-mode rejection
ratio of 112dB (typical) over the common-mode
voltage range. Figure 26 shows the variation of offset
voltage over the entire specified common-mode
range for 10 typical units.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com