Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA378
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA378 Datasheet HTML 12Page - Texas Instruments OPA378 Datasheet HTML 13Page - Texas Instruments OPA378 Datasheet HTML 14Page - Texas Instruments OPA378 Datasheet HTML 15Page - Texas Instruments OPA378 Datasheet HTML 16Page - Texas Instruments OPA378 Datasheet HTML 17Page - Texas Instruments OPA378 Datasheet HTML 18Page - Texas Instruments OPA378 Datasheet HTML 19Page - Texas Instruments OPA378 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
R
1
100kW
1/2
OPA2378
RA
Inverted
V
CM
+V
S
INA321
(1)
+VS
V
OUT
+V
S
+V
S
+V
S
OPA378
+V
S
1/2V
S
dc
3
2
1
4
5
6
G
=1kV/V
TOT
G
=5
INA
G
=200
OPA
f
=150Hz
LPF
f
=0.5Hz
HPF
(providesacsignalcoupling)
V =+2.7Vto+5.5V
S
BW=0.5Hzto150Hz
f =0.5Hz
O
Wilson
V
CENTRAL
(RA+LA+LL)/3
7
ac
1/2V
S
R
2
100kW
1/2
OPA2378
LL
+V
S
R
3
100kW
1/2
OPA2378
LA
R
4
100kW
R
9
20kW
R
6
100kW
RL
+V
S
+V
S
1/2
OPA2378
1/2
OPA2378
1/2
OPA2378
C
4
1.06nF
C
3
1 F
m
R
14
1MW
R
12
5kW
R
13
318kW
R
7
100kW
R
8
100kW
R
10
1MW
C
2
0.64 F
m
R
11
1MW
C
1
47pF
R
5
390kW
OPA378
OPA2378
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
www.ti.com
(1) Other instrumentation amplifiers can be used, such as the INA326, which has lower noise but higher quiescent current.
Figure 37. Single-Supply, Very Low Power ECG Circuit
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com