| Electronic Components Datasheet Search |
|
XIO2001 Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2001 Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 128 page ![]() XIO2001 www.ti.com SCPS212D – MAY 2009 – REVISED JANUARY 2010 3.10.4 Accessing Serial-Bus Devices Through Software The bridge provides a programming mechanism to control serial-bus devices through system software. The programming is accomplished through a doubleword of PCI configuration space at offset B0h. Table 3-9 lists the registers that program a serial-bus device through software. Table 3-9. Registers Used To Program Serial-Bus Devices PCI OFFSET REGISTER NAME DESCRIPTION B0h Serial-bus data (see Contains the data byte to send on write commands or the received data byte on read Section 4.55) commands. B1h Serial-bus word address The content of this register is sent as the word address on byte writes or reads. This register is (see Section 4.56) not used in the quick command protocol. Bit 7 (PROT_SEL) in the serial-bus control and status register (offset B3h, see Section 4.58) is set to 1b to enable the slave address to be sent. B2h Serial-bus slave address Write transactions to this register initiate a serial-bus transaction. The slave device address and (see Section 4.57) the R/W command selector are programmed through this register. B3h Serial-bus control and Serial interface enable, busy, and error status are communicated through this register. In status (see Section 4.58) addition, the protocol-select bit (PROT_SEL) and serial-bus test bit (SBTEST) are programmed through this register. To access the serial EEPROM through the software interface, the following steps are performed: 1. The control and status byte is read to verify the EEPROM interface is enabled (SBDETECT asserted) and not busy (REQBUSY and ROMBUSY deasserted). 2. The serial-bus word address is loaded. If the access is a write, then the data byte is also loaded. 3. The serial-bus slave address and R/W command selector byte is written. 4. REQBUSY is monitored until this bit is deasserted. 5. SB_ERR is checked to verify that the serial-bus operation completed without error. If the operation is a read, then the serial-bus data byte is now valid. 3.11 Advanced Error Reporting Registers In the extended PCI Express configuration space, the bridge supports the advanced error reporting capabilities structure. For the PCI Express interface, both correctable and uncorrectable error statuses are provided. For the PCI bus interface, secondary uncorrectable error status is provided. All uncorrectable status bits have corresponding mask and severity control bits. For correctable status bits, only mask bits are provided. Both the primary and secondary interfaces include first error pointer and header log registers. When the first error is detected, the corresponding bit position within the uncorrectable status register is loaded into the first error pointer register. Likewise, the header information associated with the first failing transaction is loaded into the header log. To reset this first error control logic, the corresponding status bit in the uncorrectable status register is cleared by a writeback of 1b. For systems that require high data reliability, ECRC is fully supported on the PCI Express interface. The primary side advanced error capabilities and control register has both ECRC generation and checking enable control bits. When the checking bit is asserted, all received TLPs are checked for a valid ECRC field. If the generation bit is asserted, then all transmitted TLPs contain a valid ECRC field. 3.12 Data Error Forwarding Capability The bridge supports the transfer of data errors in both directions. If a downstream PCI Express transaction with a data payload is received that targets the internal PCI bus and the EP bit is set indicating poisoned data, then the bridge must ensure that this information is transferred to the PCI bus. To do this, the bridge forces a parity error on each PCI bus data phase by inverting the parity bit calculated for each double-word of data. Copyright © 2009–2010, Texas Instruments Incorporated Feature/Protocol Descriptions 39 Submit Documentation Feedback Product Folder Link(s): XIO2001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |