Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 43 Page - Texas Instruments

Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 43 Page - Texas Instruments

Back Button XIO2001_10 Datasheet HTML 39Page - Texas Instruments XIO2001_10 Datasheet HTML 40Page - Texas Instruments XIO2001_10 Datasheet HTML 41Page - Texas Instruments XIO2001_10 Datasheet HTML 42Page - Texas Instruments XIO2001_10 Datasheet HTML 43Page - Texas Instruments XIO2001_10 Datasheet HTML 44Page - Texas Instruments XIO2001_10 Datasheet HTML 45Page - Texas Instruments XIO2001_10 Datasheet HTML 46Page - Texas Instruments XIO2001_10 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 4-1. Classic PCI Configuration Register Map (continued)
REGISTER NAME
OFFSET
Device Status 2
Device Control 2
098h
Link Capabilities 2
09Ch
Link Status 2
Link Control 2
0A0h
Slot Capabilities 2
0A4h
Slot Status 2
Slot Control 2
0A8h
Reserved
0ACh
Serial-bus control and
Serial-bus slave address(1)
Serial-bus word address(1)
Serial-bus data(1)
0B0h
status(1)
GPIO data(1)
GPIO control(1)
0B4h
Reserved
0B8h–0BCh
TL Control and diagnostic register 0(1)
0C0h
DLL Control and diagnostic register 1(1)
0C4h
PHY Control and diagnostic register 2(1)
0C8h
Reserved
0CCh
Subsystem access(1)
0D0h
General control(1)
0D4h
Reserved
Clock run status(1)
Clock mask
Clock control
0D8h
Reserved
Arbiter time-out status
Arbiter request mask(1)
Arbiter control(1)
0DCh
Serial IRQ edge control(1)
Reserved
Serial IRQ mode control(1)
0E0h
Reserved
Serial IRQ status
0E4h
Cache Timer Transfer Limit
PFA Request Limit
0E8h
Cache Timer Upper Limit
Cache Timer Lower Limit
0ECh
Reserved
0F0h–0FCh
4.1
Vendor ID Register
This 16-bit read-only register contains the value 104Ch, which is the vendor ID assigned to Texas
Instruments.
PCI register offset:
00h
Register type:
Read-only
Default value:
104Ch
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
4.2
Device ID Register
This 16-bit read-only register contains the value 8231h, which is the device ID assigned by TI for the
bridge.
PCI register offset:
02h
Register type:
Read-only
Default value:
8240h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
1
0
0
0
0
0
1
0
0
1
0
0
0
0
0
0
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
43
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com