Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 19 Page - Texas Instruments

Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 19 Page - Texas Instruments

Back Button XIO2001_10 Datasheet HTML 15Page - Texas Instruments XIO2001_10 Datasheet HTML 16Page - Texas Instruments XIO2001_10 Datasheet HTML 17Page - Texas Instruments XIO2001_10 Datasheet HTML 18Page - Texas Instruments XIO2001_10 Datasheet HTML 19Page - Texas Instruments XIO2001_10 Datasheet HTML 20Page - Texas Instruments XIO2001_10 Datasheet HTML 21Page - Texas Instruments XIO2001_10 Datasheet HTML 22Page - Texas Instruments XIO2001_10 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 2-5. PCI System Terminals (continued)
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
REQ5
A12
C09
102
I
PCI
PCIR
PCI request inputs. These signals are
REQ4
C09
A09
105
Bus
If unused, a
used for arbitration on the secondary
REQ3
C08
C08
108
weak pullup
PCI bus when an external arbiter is not
REQ2
A08
C07
110
resistor per
used. REQ0 is used as the GNT for
REQ1
A06
C06
116
PCI spec
the bridge when an external arbiter is
REQ0
A04
A04
119
used.
PRST
N07
L07
51
O
PCI
PCIR
PCI reset. This terminal is an output to
–
Bus
the secondary PCI bus.
SERR
G03
G02
16
I/O
PCI
PCIR
Pullup
PCI system error
Bus
resistor per
PCI spec
STOP
G01
H01
18
I/O
PCI
PCIR
Pullup
PCI stop
Bus
resistor per
PCI spec
TRDY
H01
J02
22
I/O
PCI
PCIR
Pullup
PCI target ready
Bus
resistor per
PCI spec
Table 2-6. JTAG Terminals
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
JTAG_TCK
M12
N12
65
I
LV
VDD_33
JTAG test clock input. This signal
CMOS
provides the clock for the internal TAP
controller.
Note: This terminal has an internal
Optional pullup
active pullup resistor. The pullup is
resistor
active at all times.
Note: This terminal should be tied to
ground or pulled low if JTAG is not
required.
JTAG_TDI
N12
L10
63
I
LV
VDD_33
JTAG test data input. Serial test
CMOS
instructions and data are received on
this terminal.
Optional pullup Note: This terminal has an internal
resistor
active pullup resistor. The pullup is
active at all times.
Note:
This
terminal
can
be
left
unconnected if JTAG is not required.
JTAG_TDO
M11
N11
61
O
LV
VDD_33
JTAG test data output. This terminal the
CMOS
serial output for test instructions and
data.
–
Note:
This
terminal
can
be
left
unconnected if JTAG is not required.
JTAG_TMS
L10
L11
64
I
LV
VDD_33
JTAG test mode select. The signal
CMOS
received at JTAG_TMS is decoded by
the internal TAP controller to control test
operations.
Optional pullup
Note: This terminal has an internal
resistor
active pullup resistor. The pullup is
active at all times.
Note:
This
terminal
can
be
left
unconnected if JTAG is not required.
Copyright © 2009–2010, Texas Instruments Incorporated
Overview
19
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com