| Electronic Components Datasheet Search |
|
XIO2001 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2001 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 128 page ![]() XIO2001 SCPS212D – MAY 2009 – REVISED JANUARY 2010 www.ti.com Table 2-2. Ground Terminals SIGNAL ZGU BALL # ZAJ BALL # I/O TYPE DESCRIPTION VSS D04, F04, H04, E06, F05, G05, H05, GND Digital ground terminals K04, K05, K06, J05, J06, J09, H09, K08, L11, J10, E09, E08, E07, F12 D10, D08, D06, ,F09 F11, F12 VSS E05, E06, E07, GND Ground terminals for thermally-enhanced package E08, E09, F05, F06, F07, F08, F09, G05, G06, G07, G08, G09, H05, H06, H07, H08, H09, J05, J06, J07, J08, J09 VSSA K10, C11, H12, G09, B12, J13, G12, GND Analog ground terminal G11, E11, E10 F13, D12 Table 2-3. Combined Power Output Terminals ZGU ZAJ PNP I/O EXTERNAL SIGNAL DESCRIPTION BALL # BALL # PIN # TYPE PARTS VDD_15_COMB L13 N13 69 Internally-combined 1.5-V main and VAUX power output for external bypass capacitor filtering. Feed Bypass Supplies all internal 1.5-V circuitry powered by VAUX. through capacitors Caution: Do not use this terminal to supply external power to other devices. VDD_33_COMB J13 K12 75 Internally-combined 3.3-V main and VAUX power output for external bypass capacitor filtering. Feed Bypass Supplies all internal 3.3-V circuitry powered by VAUX. through capacitors Caution: Do not use this terminal to supply external power to other devices. VDD_33_COMBIO K11 K11 70 Internally-combined 3.3-V main and VAUX power output for external bypass capacitor filtering. Supplies all internal 3.3-V input/output circuitry Feed Bypass powered by VAUX. through capacitors Caution: Do not use this terminal to supply external power to other devices. Table 2-4. PCI Express Terminals ZGU ZAJ PNP I/O CELL CLAMP EXTERNAL SIGNAL DESCRIPTION BALL # BALL # PIN # TYPE TYPE RAIL PARTS CLKREQ D11 D11 91 0 LV VDD_33_ Clock request. When asserted low, requests CMOS COMBIO upstream device start clock in cases where clock may be removed in L1. – Note: Since CLKREQ is an open-drain output buffer, a system side pullup resistor is required. PERST H11 H11 77 I LV VDD_33_ PCI Express reset input. The PERST signal CMOS COMBIO identifies when the system power is stable and – generates an internal power on reset. Note: The PERST input buffer has hysteresis. REFCLK125_SEL B13 A13 95 I LV VDD_33 Reference clock select. This terminal selects the CMOS reference clock input. Pullup or pulldown 0 = 100-MHz differential common reference clock resistor used. 1 = 125-MHz single-ended, reference clock used. 16 Overview Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): XIO2001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |